Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 28 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 28 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 24Page - Fujitsu Component Limited. MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. MB90480 Datasheet HTML 31Page - Fujitsu Component Limited. MB90480 Datasheet HTML 32Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
MB90480/485 Series
28
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
88H*
Bus status register
IBSR
R
I2C
00000000B
89H*
Bus control register
IBCR
R/W
00000000B
8AH*
Clock control register
ICCR
R/W
--0XXXXXB
8BH*
Address register
IADR
R/W
-XXXXXXXB
8CH*
Data register
IDAR
R/W
XXXXXXXXB
8DH
(Reserved area)
8EH*
µPG control status register
PGCSR
R/W
µPG
00000---B
8FH to 9BH
(Disabled)
9CH
µDMAC status register lower digits
DSRL
R/W
µDMAC
00000000B
9DH
µDMAC status register upper digits
DSRH
R/W
µDMAC
00000000B
9EH
Program address detection control
status resister
PACSR
R/W
Address match
detection function
00000000B
9FH
Delayed interrupt source general/
cancel register
DIRR
R/W
Delayed interrupt
generator module
-------0B
A0H
Low-power consumption mode control
register
LPMCR
W, R/W
Low-power
consumption
00011000B
A1H
Clock select register
CKSCR
R, R/W
Low-power
consumption
11111100B
A2H, A3H
(Reserved area)
A4H
µDMAC stop status register
DSSR
R/W
µDMAC
00000000B
A5H
Automatic ready function select register
ARSR
W
External pins
0011 - -00B
A6H
External address output control register
HACR
W
External pins
********B
A7H
Bus control signal select register
EPCR
W
External pins
1000*10 -B
A8H
Watchdog timer control register
WDTC
R, W
Watchdog timer
XXXXX111B
A9H
Timebase timer control register
TBTC
W, R/W
Timebase timer
1XX00100B
AAH
Watch timer control register
WTC
R, R/W
Watch timer
10001000B
ABH
(Reserved area)
ACH
µDMAC enable register lower digits
DERL
R/W
µDMAC
00000000B
ADH
µDMAC enable register upper digits
DERH
R/W
µDMAC
00000000B
AEH
Flash memory control status register
FMCS
W, R/W
Flash memory
interface
000X0000B
AFH
(Disabled)
B0H
Interrupt control register 00
ICR00
W, R/W
Interrupt controller
XXXX0111B
B1H
Interrupt control register 01
ICR01
W, R/W
XXXX0111B
B2H
Interrupt control register 02
ICR02
W, R/W
XXXX0111B
B3H
Interrupt control register 03
ICR03
W, R/W
XXXX0111B
B4H
Interrupt control register 04
ICR04
W, R/W
XXXX0111B
B5H
Interrupt control register 05
ICR05
W, R/W
XXXX0111B
B6H
Interrupt control register 06
ICR06
W, R/W
XXXX0111B
B7H
Interrupt control register 07
ICR07
W, R/W
XXXX0111B
B8H
Interrupt control register 08
ICR08
W, R/W
XXXX0111B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn