Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 27 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 27 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 23Page - Fujitsu Component Limited. MB90480 Datasheet HTML 24Page - Fujitsu Component Limited. MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. MB90480 Datasheet HTML 31Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 120 page
background image
MB90480/485 Series
27
(Continued)
Address
Register name
Abbreviated
register
name
Read/
Write
Resource name
Initial value
62H
Timer counter data register lower digits
TCDT
R/W
16-bit input/output
timer free run timer
00000000B
63H
Timer counter data register upper digits
TCDT
R/W
00000000B
64H
Timer control status register
TCCS
R/W
00000000B
65H
Timer control status register
TCCS
R/W
0--00000B
66H
Compare clear register lower digits
CPCLR
R/W
XXXXXXXXB
67H
Compare clear register upper digits
XXXXXXXXB
68H
Up/down count register (ch.0)
UDCR0
R
8/16-bit up/down
00000000B
69H
Up/down count register (ch.1)
UDCR1
R
00000000B
6AH
Reload/compare register (ch.0)
RCR0
W
00000000B
6BH
Reload/compare register (ch.1)
RCR1
W
00000000B
6CH
Counter control register (ch.0)
lower digits
CCRL0
W, R/W
0X00X000B
6DH
Counter control register (ch.0)
upper digits
CCRH0
R/W
00000000B
6EH
(Reserved area)
6FH
ROM mirror function select register
ROMM
R/W
ROM mirroring
function
------+1B
70H
Counter control register (ch.1)
lower digits
CCRL1
W, R/W
8/16-bit up/down
0X00X000B
71H
Counter control register (ch.1)
upper digits
CCRH1
R/W
-0000000B
72H
Counter status register (ch.0)
CSR0
R, R/W
00000000B
73H
(Reserved area)
74H
Counter status register (ch.1)
CSR1
R, R/W
8/16-bit UDC
00000000B
75H
(Reserved area)
76H*
PWC control/status register
PWCSR0
R, R/W
PWC (ch.0)
00000000B
77H*
0000000XB
78H*
PWC data buffer register
PWCR0
R/W
00000000B
79H*
00000000B
7AH*
PWC control/status register
PWCSR1
R, R/W
PWC (ch.1)
00000000B
7BH*
0000000XB
7CH*
PWC data buffer register
PWCR1
R/W
00000000B
7DH*
00000000B
7EH*
PWC control/status register
PWCSR2
R, R/W
PWC (ch.2)
00000000B
7FH*
0000000XB
80H*
PWC data buffer register
PWCR2
R/W
00000000B
81H*
00000000B
82H*
Dividing ratio control register
DIVR0
R/W
PWC (ch.0)
------00B
83H
(Reserved area)
84H*
Dividing ratio control register
DIVR1
R/W
PWC (ch.1)
------00B
85H
(Reserved area)
86H*
Dividing ratio control register
DIVR2
R/W
PWC (ch.2)
------00B
87H
(Reserved area)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn