Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 26 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 26 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 22Page - Fujitsu Component Limited. MB90480 Datasheet HTML 23Page - Fujitsu Component Limited. MB90480 Datasheet HTML 24Page - Fujitsu Component Limited. MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. MB90480 Datasheet HTML 30Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 120 page
background image
MB90480/485 Series
26
(Continued)
Address
Register name
Abbre-
viated
register
name
Read/
Write
Resource name
Initial value
44H
PPG4, PPG5 output control register
PPG45
R/W
8/16-bit PPG
00000000B
45H
(Reserved area)
46H
Control status register
ADCS1
R/W
A/D converter
00000000B
47H
ADCS2
W, R/W
00000000B
48H
Data register
ADCR1
R
XXXXXXXXB
49H
ADCR2
W, R
00000XXXB
4AH
Output compare register (ch.0) lower digits
OCCP0
R/W
16-bit
input/output
timer output
compare
(ch.0 to ch.5)
00000000B
4BH
Output compare register (ch.0) upper digits
00000000B
4CH
Output compare register (ch.1) lower digits
OCCP1
R/W
00000000B
4DH
Output compare register (ch.1) upper digits
00000000B
4EH
Output compare register (ch.2) lower digits
OCCP2
R/W
00000000B
4FH
Output compare register (ch.2) upper digits
00000000B
50H
Output compare register (ch.3) lower digits
OCCP3
R/W
00000000B
51H
Output compare register (ch.3) upper digits
00000000B
52H
Output compare register (ch.4) lower digits
OCCP4
R/W
00000000B
53H
Output compare register (ch.4) upper digits
00000000B
54H
Output compare register (ch.5) lower digits
OCCP5
R/W
00000000B
55H
Output compare register (ch.5) upper digits
00000000B
56H
Output control register (ch.0)
OCS0
R/W
0000--00B
57H
Output control register (ch.1)
OCS1
R/W
---00000B
58H
Output control register (ch.2)
OCS2
R/W
0000--00B
59H
Output control register (ch.3)
OCS3
R/W
---00000B
5AH
Output control register (ch.4)
OCS4
R/W
0000--00B
5BH
Output control register (ch.5)
OCS5
R/W
---00000B
5CH
Input capture data register (ch.0) lower
digits
IPCP0
R
16-bit
input/output
timer input
capture
(ch.0, ch.1)
XXXXXXXXB
5DH
Input capture data register (ch.0) upper
digits
R
XXXXXXXXB
5EH
Input capture data register (ch.1) lower
digits
IPCP1
R
XXXXXXXXB
5FH
Input capture data register (ch.1) upper
digits
R
XXXXXXXXB
60H
Input capture control status register
ICS01
R/W
00000000B
61H
(Reserved area)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn