Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 25 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 25 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 21Page - Fujitsu Component Limited. MB90480 Datasheet HTML 22Page - Fujitsu Component Limited. MB90480 Datasheet HTML 23Page - Fujitsu Component Limited. MB90480 Datasheet HTML 24Page - Fujitsu Component Limited. MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. MB90480 Datasheet HTML 29Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 120 page
background image
MB90480/485 Series
25
(Continued)
Address
Register name
Abbreviated
register name
Read/
Write
Resource name
Initial value
20H
Serial mode register
SMR
R/W
UART
00000X00B
21H
Serial control register
SCR
W, R/W
00000100B
22H
Serial input/output register
SIDR/SODR
R/W
XXXXXXXXB
23H
Serial status register
SSR
R, R/W
00001000B
24H
(Reserved area)
25H
Communication prescaler control
register
CDCR
R/W
Communication
prescaler (UART)
00--0000B
26H
Serial mode control status register 0
SMCS0
R/W
SIO1 (ch.0)
----0000B
27H
00000010B
28H
Serial data register 0
SDR0
R/W
XXXXXXXXB
29H
Communication prescaler control
register 0
SDCR0
R/W
Communication
prescaler
SIO1 (ch.0)
0---0000B
2AH
Serial mode control status register 1
SMCS1
R/W
SIO2 (ch.1)
----0000B
2BH
00000010B
2CH
Serial data register 1
SDR1
R/W
XXXXXXXXB
2DH
Communication prescaler control
register 1
SDCR1
R/W
Communication
prescaler
SIO2 (ch.1)
0---0000B
2EH
Reload register L (ch.0)
PPLL0
R/W
8/16-bit PPG
(ch.0 to ch.5)
XXXXXXXXB
2FH
Reload register H (ch.0)
PPLH0
R/W
XXXXXXXXB
30H
Reload register L (ch.1)
PPLL1
R/W
XXXXXXXXB
31H
Reload resister H (ch.1)
PPLH1
R/W
XXXXXXXXB
32H
Reload register L (ch.2)
PPLL2
R/W
XXXXXXXXB
33H
Reload register H (ch.2)
PPLH2
R/W
XXXXXXXXB
34H
Reload register L (ch.3)
PPLL3
R/W
XXXXXXXXB
35H
Reload register H (ch.3)
PPLH3
R/W
XXXXXXXXB
36H
Reload register L (ch.4)
PPLL4
R/W
XXXXXXXXB
37H
Reload register H (ch.4)
PPLH4
R/W
XXXXXXXXB
38H
Reload register L (ch.5)
PPLL5
R/W
XXXXXXXXB
39H
Reload register H (ch.5)
PPLH5
R/W
XXXXXXXXB
3AH
PPG0 operating mode control register
PPGC0
R/W
0X000XX1B
3BH
PPG1 operating mode control register
PPGC1
R/W
0X000001B
3CH
PPG2 operating mode control register
PPGC2
R/W
0X000XX1B
3DH
PPG3 operating mode control register
PPGC3
R/W
0X000001B
3EH
PPG4 operating mode control register
PPGC4
R/W
0X000XX1B
3FH
PPG5 operating mode control register
PPGC5
R/W
0X000001B
40H
PPG0, PPG1 output control register
PPG01
R/W
8/16-bit PPG
00000000B
41H
(Reserved area)
42H
PPG2, PPG3 output control register
PPG23
R/W
8/16-bit PPG
00000000B
43H
(Reserved area)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn