Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 24 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 24 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 20Page - Fujitsu Component Limited. MB90480 Datasheet HTML 21Page - Fujitsu Component Limited. MB90480 Datasheet HTML 22Page - Fujitsu Component Limited. MB90480 Datasheet HTML 23Page - Fujitsu Component Limited. MB90480 Datasheet HTML 24Page - Fujitsu Component Limited. MB90480 Datasheet HTML 25Page - Fujitsu Component Limited. MB90480 Datasheet HTML 26Page - Fujitsu Component Limited. MB90480 Datasheet HTML 27Page - Fujitsu Component Limited. MB90480 Datasheet HTML 28Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 120 page
background image
MB90480/485 Series
24
■ I/O MAP
(Continued)
Address
Register name
Abbreviated
register name
Read/
Write
Resource name
Initial value
00H
Port 0 data register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 data register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 data register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 data register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 data register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 data register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 data register
PDR6
R/W
Port 6
XXXXXXXXB
07H
Port 7 data register
PDR7
R/W
Port 7
XXXXXXXXB
(MB90480 series)
11XXXXXXB
(MB90485 series)
08H
Port 8 data register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 data register
PDR9
R/W
Port 9
XXXXXXXXB
0AH
Port A data register
PDRA
R/W
Port A
----XXXXB
0BH
Up/down timer input enable register
UDRE
R/W
Up/down timer
input control
XX000000B
0CH
Interrupt/DTP enable register
ENIR
R/W
DTP/external interrupts
00000000B
0DH
Interrupt/DTP source register
EIRR
R/W
XXXXXXXXB
0EH
Request level setting register
ELVR
R/W
00000000B
0FH
Request level setting register
R/W
00000000B
10H
Port 0 direction register
DDR0
R/W
Port 0
00000000B
11H
Port 1 direction register
DDR1
R/W
Port 1
00000000B
12H
Port 2 direction register
DDR2
R/W
Port 2
00000000B
13H
Port 3 direction register
DDR3
R/W
Port 3
00000000B
14H
Port 4 direction register
DDR4
R/W
Port 4
00000000B
15H
Port 5 direction register
DDR5
R/W
Port 5
00000000B
16H
Port 6 direction register
DDR6
R/W
Port 6
00000000B
17H
Port 7 direction register
DDR7
R/W
Port 7
00000000B
(MB90480 series)
XX000000B
(MB90485 series)
18H
Port 8 direction register
DDR8
R/W
Port 8
00000000B
19H
Port 9 direction register
DDR9
R/W
Port 9
00000000B
1AH
Port A direction register
DDRA
R/W
Port A
----0000B
1BH
Port 4 output pin register
ODR4
R/W
Port 4
(Open-drain control)
00000000B
1CH
Port 0 input resistance register
RDR0
R/W
Port 0
(resistance control)
00000000B
1DH
Port 1 input resistance register
RDR1
R/W
Port 1
(resistance control)
00000000B
1EH
Port 7 output pin register
ODR7
R/W
Port 7
(Open-drain control)
00000000B
(MB90480 series)
XX000000B
(MB90485 series)
1FH
Analog input enable register
ADER
R/W
Port 6, A/D
11111111B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn