Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 18 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 18 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. MB90480 Datasheet HTML 15Page - Fujitsu Component Limited. MB90480 Datasheet HTML 16Page - Fujitsu Component Limited. MB90480 Datasheet HTML 17Page - Fujitsu Component Limited. MB90480 Datasheet HTML 18Page - Fujitsu Component Limited. MB90480 Datasheet HTML 19Page - Fujitsu Component Limited. MB90480 Datasheet HTML 20Page - Fujitsu Component Limited. MB90480 Datasheet HTML 21Page - Fujitsu Component Limited. MB90480 Datasheet HTML 22Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 120 page
background image
MB90480/485 Series
18
■ BLOCK DIAGRAM
RAM
ROM
µDMAC
8
2
X0, X1, RST
X0A, X1A
MD2, MD1, MD0
SIN0
SOT0
SCK0
SIN1, SIN2
SOT1, SOT 2
SCK1, SCK2
AVCC
AVRH
AVSS
ADTG
AN0
to AN7
AIN0, AIN1
BIN0, BIN1
ZIN0, ZIN1
PPG0, PPG1
PPG2, PPG3
PPG4, PPG5
88
8
8
8
8
8
8
8
P00
P07
P10
P17
P20
P27
P30
P37
P40
P47
P50
P57
P60
P67
P70
P77
P80
P87
8
P90
P97
4
PA0
PA3
IN0, IN1
OUT0, OUT1,
OUT2, OUT3,
OUT4, OUT5
CS0, CS1,
CS2, CS3
TIN0
TOT0
IRQ0
to IRQ7
8
SCL
SDA
EXTC
MT00
MT01
PWC0
PWC1
PWC2
Clock control
Circuit
CPU
F2MC16LX series core
Interrupt controller
8/16-bit PPG
8/16-bit
up/down
counter/timer
µPG
Chip select
Input/output timer
16-bit input capture
×
2 channels
16-bit output compare
× 6 channels
16-bit free-run timer
16-bit reload timer
I2C interface
External interrupt
UART
Extended I/O serial
interface
× 2 channels
A/D converter
( 10-bit )
PWC
× 3 channels
I/O port
to
to
to
to
to
to
to
to
to
to
to
Communication
prescaler
: Only MB90485 series
P00 to P07 (8 pins) : with an input pull-up resistance setting register.
P10 to P17 (8 pins) : with an input pull-up resistance setting register.
P40 to P47 (8 pins) : with an open drain setting register.
P70 to P77 (8 pins) : with an open drain setting register.
MB90485 series only
• I2C pin P77 and P76 are N-ch open drain pin (without P-ch) . However, MB90V485B uses
the N-ch open drain pin (with P-ch) .
• P20 to P27, P30 to P37, P40 to P47 and P70 to P77 are also used as 3 V/5 V I/F pin.
• As for MB90V485B, input pins (PWC0, PWC1, PWC2/EXTC/SCL and SDA pins) for PWC/
µPG/I2C become CMOS input.
Note : In the above diagram, I/O ports share internal function blocks and pins. However, when a
set of pins is used with an internal module, it cannot also be used as an I/O port.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn