Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 16 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 16 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. MB90480 Datasheet HTML 15Page - Fujitsu Component Limited. MB90480 Datasheet HTML 16Page - Fujitsu Component Limited. MB90480 Datasheet HTML 17Page - Fujitsu Component Limited. MB90480 Datasheet HTML 18Page - Fujitsu Component Limited. MB90480 Datasheet HTML 19Page - Fujitsu Component Limited. MB90480 Datasheet HTML 20Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
MB90480/485 Series
16
■ HANDLING DEVICES
1.
Be careful never to exceed maximum rated voltages (preventing latch-up)
In CMOS IC devices, a condition known as latch-up may occur if voltages higher than VCC or lower than VSS are
applied to input or output pins other than medium-or high-voltage pins, or if the voltage applied between VCC and
VSS pins exceeds the rated voltage level.
When latch-up occurs, the power supply current increases rapidly causing the possibility of thermal damage to
circuit elements. Therefore it is necessary to ensure that maximum ratings are not exceeded in circuit operation.
Similarly, when turning the analog power supply on or off, it is necessary to ensure that the analog power supply
voltages (AVCC and AVRH) and analog input voltages do not exceed the digital power supply (VCC) .
2.
Treatment of unused pins
Leaving unused input pins unconnected can cause abnormal operation or latch-up, leading to permanent
damage. Unused input pins should always be pulled up or down through resistance of at least 2 k
Ω. Any unused
input/output pins may be set to output mode and left open, or set to input mode and treated the same as unused
input pins.
3.
Treatment of Power Supply Pins (VCC/VSS)
When multiple VCC/VSS pins are present, device design considerations for prevention of latch-up and unwanted
electromagnetic interference, abnormal strobe signal operation due to ground level rise, and conformity with
total output current ratings require that all power supply pins must be externally connected to power supply or
ground.
Consideration should be given to connecting power supply sources to the VCC/VSS pins of this device with as low
impedance as possible. It is also recommended that a bypass capacitor of approximately 0.1
µF be placed
between the VCC and VSS lines as close to this device as possible.
4.
Crystal Oscillator Circuits
Noise around the X0/X1, or X0A/X1A pins may cause this device to operate abnormally. In the interest of stable
operation it is strongly recommended that printed circuit board artwork places ground bypass capacitors as close
as possible to the X0/X1, X0A/X1A and crystal oscillator (or ceramic oscillator) and that oscillator lines do not
cross the lines of other circuits.
5.
Precautions when turning the power supply on
In order to prevent abnormal operation in the chip’s internal step-down circuits, a voltage rise time during power-
on of 50
µs (0.2 V to 2.7 V) or greater should be assured.
6.
Supply Voltage Stabilization
Even within the operating range of VCC supply voltage, rapid voltage fluctuations may cause abnormal operation.
As a standard for power supply voltage stability, it is recommended that the peak-to-peak VCC ripple voltage at
commercial supply frequency (50 MHz to 60 MHz) be 10
% or less of VCC, and that the transient voltage fluctuation
be no more than 0.1 V/ms or less when the power supply is turned on or off.
7.
Proper power-on/off sequence
The A/D converter power (AVCC, AVRH) and analog input (AN0 to AN7) must be turned on after the digital power
supply (VCC) is turned on. The A/D converter power (AVCC, AVRH) and analog input (AN0 to AN7) must be shut
off before the digital power supply (VCC) is shut off. Care should be taken that AVRH does not exceed AVCC. Even
when pins used as analog input pins are doubled as input ports, be sure that the input voltage does not exceed
AVCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn