Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 13 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 13 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. MB90480 Datasheet HTML 15Page - Fujitsu Component Limited. MB90480 Datasheet HTML 16Page - Fujitsu Component Limited. MB90480 Datasheet HTML 17Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 120 page
background image
MB90480/485 Series
13
(Continued)
*1 : QFP : FPT-100P-M06
*2 : LQFP : FPT-100P-M05
*3 : For the I/O circuit type, refer to “
■ I/O CIRCUIT TYPES”.
*4 : As for MB90V485B, input pins become CMOS input.
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
63
61
P95
D
(CMOS)
This is a general purpose I/O port.
PPG5
PPG timer output pin.
64
62
P96
E
(CMOS/H)
This is a general purpose I/O port.
IN0
Input capture ch.0 trigger input pin.
65
63
P97
E
(CMOS/H)
This is a general purpose I/O port.
IN1
Input capture ch.1 trigger input pin.
66 to 69 64 to 67
PA0 to PA3
D
(CMOS)
These are general purpose I/O ports.
OUT0 to OUT3
Output compare event output pins.
35
33
AVCC
A/D converter analog power supply input pin.
36
34
AVRH
A/D converter reference voltage input pin.
37
35
AVSS
A/D converter GND pin.
49 to 51 47 to 49
MD0 to MD2
J
(CMOS/H)
Operating mode selection input pins.
84
82
VCC3
3.3 V
± 0.3 V power supply pins (VCC3) .
23
21
VCC5
MB90480
series
3.3 V
± 0.3 V power supply pin.
Usually, use VCC
= VCC3 = VCC5 as a 3 V power supply.
MB90485
series
3 V/5 V power supply pin.
5 V power supply pin when P20 to P27, P30 to P37,
P40 to P47, P70 to P77 are used as 5 V I/F pins.
Usually, use VCC
= VCC3 = VCC5 as a 3 V power supply
(when the 3 V power supply is used alone) .
11, 42,
81
9, 40,
79
VSS
GND pins.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn