Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 12 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 12 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. MB90480 Datasheet HTML 15Page - Fujitsu Component Limited. MB90480 Datasheet HTML 16Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 120 page
background image
MB90480/485 Series
12
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
32
30
P75
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P75
G
(CMOS/H)
MB90485
series
This is a general purpose I/O port.
PWC2*4
This is a PWC input pin.
33
31
P76
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P76
I
(NMOS/H)
MB90485
series
This is a general purpose I/O port.
SCL*4
Serves as the I2C interface data I/O pin. During opera-
tion of the I2C interface, leave the port output in a high
impedance state.
34
32
P77
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
P77
I
(NMOS/H)
MB90485
series
This is a general purpose I/O port.
SDA*4
Serves as the I2C interface data I/O pin. During opera-
tion of the I2C interface, leave the port output in a high
impedance state.
47, 48
45, 46
P80, P81
E
(CMOS/H)
These are general purpose I/O ports.
IRQ0, IRQ1
External interrupt input pins.
52 to 57 50 to 55
P82 to P87
E
(CMOS/H)
These are general purpose I/O ports.
IRQ2 to IRQ7
External interrupt input pins.
58
56
P90
E
(CMOS/H)
This is a general purpose I/O port.
SIN1
Extended I/O serial interface data input pin.
CS0
Chip select 0.
59
57
P91
D
(CMOS)
This is a general purpose I/O port.
SOT1
Extended I/O serial interface data output pin.
CS1
Chip select 1.
60
58
P92
E
(CMOS/H)
This is a general purpose I/O port.
SCK1
Extended I/O serial interface clock input/output pin.
CS2
Chip select 2.
61
59
P93
E
(CMOS/H)
This is a general purpose I/O port.
FRCK
When the free run timer is in use, this pin functions as the external
clock input pin.
ADTG
When the A/D converter is in use, this pin functions as the external
trigger input pin.
CS3
Chip select 3.
62
60
P94
D
(CMOS)
This is a general purpose I/O port.
PPG4
PPG timer output pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn