Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90480 Datasheet(PDF) 103 Page - Fujitsu Component Limited.

Part # MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 103 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 99Page - Fujitsu Component Limited. MB90480 Datasheet HTML 100Page - Fujitsu Component Limited. MB90480 Datasheet HTML 101Page - Fujitsu Component Limited. MB90480 Datasheet HTML 102Page - Fujitsu Component Limited. MB90480 Datasheet HTML 103Page - Fujitsu Component Limited. MB90480 Datasheet HTML 104Page - Fujitsu Component Limited. MB90480 Datasheet HTML 105Page - Fujitsu Component Limited. MB90480 Datasheet HTML 106Page - Fujitsu Component Limited. MB90480 Datasheet HTML 107Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 120 page
background image
MB90480/485 Series
103
• Internal shift clock mode
• External shift clock mode
SCK
SOT
SIN
tSCYC
tSLOV
tIVSH
tSHIX
0.8 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC
SCK
SOT
SIN
tSLSH
tSHSL
tSLOV
tIVSH
tSHIX
0.2 VCC
0.2 VCC
0.8 VCC
0.8 VCC
2.4 V
0.8 V
0.8 VCC
0.2 VCC
0.8 VCC
0.2 VCC


Similar Part No. - MB90480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90480B FUJITSU-MB90480B Datasheet
1Mb / 124P
   16-bit Microcontroller
MB90480B FUJITSU-MB90480B_10 Datasheet
629Kb / 124P
   16-bit Microcontroller
More results

Similar Description - MB90480

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com