Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 100 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 100 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 96Page - Fujitsu Component Limited. MB90480 Datasheet HTML 97Page - Fujitsu Component Limited. MB90480 Datasheet HTML 98Page - Fujitsu Component Limited. MB90480 Datasheet HTML 99Page - Fujitsu Component Limited. MB90480 Datasheet HTML 100Page - Fujitsu Component Limited. MB90480 Datasheet HTML 101Page - Fujitsu Component Limited. MB90480 Datasheet HTML 102Page - Fujitsu Component Limited. MB90480 Datasheet HTML 103Page - Fujitsu Component Limited. MB90480 Datasheet HTML 104Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
MB90480/485 Series
100
(8) Hold Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = − 40 °C to +85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : One or more cycles are required from the time the HRQ pin is read until the HAK signal changes.
(9) UART Timing
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
*1 : CL is the load capacitance applied to pins for testing.
*2 : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Note : The above rating is in CLK synchronous mode.
Parameter
Symbol
Pin name
Conditions
Value
Unit
Remarks
Min
Max
Pin floating
→HAK↓time
tXHAL
HAK
30
tCP*ns
HAK
↓→pin valid time
tHAHV
HAK
tCP*2 tCP*ns
Parameter
Symbol
Pin
name
Conditions
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
Internal shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
8 tCP*2
ns
SCK
↓→SOT delay time
tSLOV
−80
+80
ns
−120
+120
ns
fCP
= 8 MHz
Valid SIN
→SCK↑
tIVSH
100
ns
200
ns
fCP
= 8 MHz
SCK
↑→valid SIN hold time
tSHIX
tCP*2
ns
Serial clock “H” pulse width
tSHSL
External shift clock
mode output pins :
CL*1
= 80 pF + 1 TTL
4 tCP*2
ns
Serial clock “L” pulse width
tSLSH
4 tCP*2
ns
SCK
↓→SOT delay time
tSLOV
150
ns
200
ns
fCP
= 8 MHz
Valid SIN
→SCK↑
tIVSH
60
ns
120
ns
fCP
= 8 MHz
SCK
↑→valid SIN hold time
tSHIX
60
ns
120
ns
fCP
= 8 MHz
HAK
tXHAL
tHAHV
2.4 V
0.8 V
2.4 V
2.4 V
0.8 V
0.8 V
Pins
High-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn