Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 6Page - Fujitsu Component Limited. MB90480 Datasheet HTML 7Page - Fujitsu Component Limited. MB90480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. MB90480 Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 120 page
background image
MB90480/485 Series
10
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1 LQFP*2
21, 22
19, 20
P43, P44
F (CMOS)
MB90480
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external
address pin.
P43, P44
F (CMOS)
MB90485
series
This is a general purpose I/O port.
A11, A12
In non-multiplex mode, this pin functions as an external
address pin.
MT00,
MT01
µPG output pin.
24
22
P45
F
(CMOS)
MB90480
series
This is a general purpose I/O port.
A13
In non-multiplex mode, this pin functions as an external
address pin.
P45
G
(CMOS/H)
MB90485
series
This is a general purpose I/O port.
A13
In non-multiplex mode, this pin functions as an external
address pin.
EXTC*4
µPG input pin.
25, 26
23, 24
P46, P47
F
(CMOS)
This is a general purpose I/O port.
A14, A15
In non-multiplex mode, this pin functions as an external address pin.
OUT4/
OUT5
Output compare event output pins.
70
68
P50
D
(CMOS)
This is a general purpose I/O port. In external bus mode, this pin
functions as the ALE pin.
ALE
In external bus mode, this pin functions as the address load enable
(ALE) signal pin.
71
69
P51
D
(CMOS)
This is a general purpose I/O port. In external bus mode, this pin
functions as the RD pin.
RD
In external bus mode, this pin functions as the read strobe output (RD)
signal pin.
72
70
P52
D
(CMOS)
This is a general purpose I/O port. In external bus mode, when the WRE
bit in the EPCR register is set to “1”, this pin functions as the WRL pin.
WRL
In external bus mode, this pin functions as the lower data write strobe
output (WRL) pin. When the WRE bit in the EPCR register is set to “0”,
this pin functions as a general purpose I/O port.
73
71
P53
D
(CMOS)
This is a general purpose I/O port. In external bus mode with 16-bit bus
width, when the WRE bit in the EPCR register is set to “1”, this pin
functions as the WRH pin.
WRH
In external bus mode with 16-bit bus width, this pin functions as the
upper data write strobe output (WRH) pin. When the WRE bit in the
EPCR register is set to “0”, this pin functions as a general purpose I/O
port.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn