Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 92 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 92 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 88Page - Fujitsu Component Limited. MB90480 Datasheet HTML 89Page - Fujitsu Component Limited. MB90480 Datasheet HTML 90Page - Fujitsu Component Limited. MB90480 Datasheet HTML 91Page - Fujitsu Component Limited. MB90480 Datasheet HTML 92Page - Fujitsu Component Limited. MB90480 Datasheet HTML 93Page - Fujitsu Component Limited. MB90480 Datasheet HTML 94Page - Fujitsu Component Limited. MB90480 Datasheet HTML 95Page - Fujitsu Component Limited. MB90480 Datasheet HTML 96Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
MB90480/485 Series
92
(2) Clock Output Timing
(VSS
= 0.0 V, TA = −40 °C to +85 °C)
* : tCP is internal operating clock cycle time. Refer to “ (1) Clock Timing”.
Parameter
Symbol Pin name
Conditions
Value
Unit
Remarks
Min
Max
Cycle time
tCYC
CLK
tCP*
ns
CLK
↑→CLK↓
tCHCL
CLK
VCC
= 3.0 V to 3.6 V tCP* / 2 − 15 tCP* / 2 + 15
ns
at fCP
= 25 MHz
VCC
= 2.7 V to 3.3 V tCP* / 2 − 20 tCP* / 2 + 20
ns
at fCP
= 16 MHz
VCC
= 2.7 V to 3.3 V tCP* / 2 − 64 tCP* / 2 + 64
ns
at fCP
= 5 MHz
CLK
tCYC
2.4 V
2.4 V
0.8 V
tCHCL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn