Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 5Page - Fujitsu Component Limited. MB90480 Datasheet HTML 6Page - Fujitsu Component Limited. MB90480 Datasheet HTML 7Page - Fujitsu Component Limited. MB90480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. MB90480 Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 120 page
background image
MB90480/485 Series
9
(Continued)
Pin No.
Pin
name
I/O
circuit
type*3
Function
QFP*1 LQFP*2
10
8
P31
E
(CMOS/H)
This is a general purpose I/O port.
A01
In non-multiplex mode, this pin functions as an external address pin.
BIN0
8/16-bit up/down timer input pin (ch.0) .
12
10
P32
E
(CMOS/H)
This is a general purpose I/O port.
A02
In non-multiplex mode, this pin functions as an external address pin.
ZIN0
8/16-bit up/down timer input pin (ch.0)
13
11
P33
E
(CMOS/H)
This is a general purpose I/O port.
A03
In non-multiplex mode, this pin functions as an external address pin.
AIN1
8/16-bit up/down timer input pin (ch.1) .
14
12
P34
E
(CMOS/H)
This is a general purpose I/O port.
A04
In non-multiplex mode, this pin functions as an external address pin.
BIN1
8/16-bit up/down timer input pin (ch.1) .
15
13
P35
E
(CMOS/H)
This is a general purpose I/O port.
A05
In non-multiplex mode, this pin functions as an external address pin.
ZIN1
8/16-bit up/down timer input pin (ch.1)
16, 17
14, 15
P36, P37
D
(CMOS)
MB90480
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, this pin functions as an external
address pin.
P36, P37
E
(CMOS/H)
MB90485
series
This is a general purpose I/O port.
A06, A07
In non-multiplex mode, this pin functions as an external
address pin.
PWC0,
PWC1*4
This is a PWC input pin.
18
16
P40
G
(CMOS/H)
This is a general purpose I/O port.
A08
In non-multiplex mode, this pin functions as an external address pin.
SIN2
Extended I/O serial interface input pin.
19
17
P41
F (CMOS)
This is a general purpose I/O port.
A09
In non-multiplex mode, this pin functions as an external address pin.
SOT2
Extended I/O serial interface output pin.
20
18
P42
G
(CMOS/H)
This is a general purpose I/O port.
A10
In non-multiplex mode, this pin functions as an external address pin.
SCK2
Extended I/O serial interface clock input/output pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn