Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 88 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 88 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 84Page - Fujitsu Component Limited. MB90480 Datasheet HTML 85Page - Fujitsu Component Limited. MB90480 Datasheet HTML 86Page - Fujitsu Component Limited. MB90480 Datasheet HTML 87Page - Fujitsu Component Limited. MB90480 Datasheet HTML 88Page - Fujitsu Component Limited. MB90480 Datasheet HTML 89Page - Fujitsu Component Limited. MB90480 Datasheet HTML 90Page - Fujitsu Component Limited. MB90480 Datasheet HTML 91Page - Fujitsu Component Limited. MB90480 Datasheet HTML 92Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
MB90480/485 Series
88
4.
AC Characteristics
(1) Clock Timing
(VSS
= 0.0 V, TA = −40 °C to +85 °C)
*1 : Be careful of the operating voltage.
*2 : Duty ratio should be 50
% ± 3 %.
Parameter
Sym-
bol
Pin name
Condi-
tion
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
FCH
X0, X1
3
25
MHz
External crystal
oscillator
3
50
External clock input
4
25
1 multiplied PLL
3
12.5
2 multiplied PLL
3
6.66
3 multiplied PLL
3
6.25
4 multiplied PLL
3
4.16
6 multiplied PLL
3
3.12
8 multiplied PLL
FCL
X0A, X1A
⎯⎯
32.768
kHz
Clock cycle time
tC
X0, X1
20
333
ns
*1
tCL
X0A, X1A
⎯⎯
30.5
⎯µs
Input clock pulse width
PWH
PWL
X0
5
⎯⎯
ns
PWLH
PWLL
X0A
⎯⎯
15.2
⎯µs*2
Input clock rise, fall time
tcr
tcf
X0
⎯⎯
5
ns
With external clock
Internal operating clock
frequency
fCP
⎯⎯
1.5
25
MHz *1
fCPL
⎯⎯
8.192
kHz
Internal operating clock
cycle time
tCP
⎯⎯
40.0
666
ns
*1
tCPL
⎯⎯
122.1
⎯µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn