Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 87 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 87 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 83Page - Fujitsu Component Limited. MB90480 Datasheet HTML 84Page - Fujitsu Component Limited. MB90480 Datasheet HTML 85Page - Fujitsu Component Limited. MB90480 Datasheet HTML 86Page - Fujitsu Component Limited. MB90480 Datasheet HTML 87Page - Fujitsu Component Limited. MB90480 Datasheet HTML 88Page - Fujitsu Component Limited. MB90480 Datasheet HTML 89Page - Fujitsu Component Limited. MB90480 Datasheet HTML 90Page - Fujitsu Component Limited. MB90480 Datasheet HTML 91Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 120 page
background image
MB90480/485 Series
87
3.
DC Characteristics
(VCC
= 2.7 V to 3.6 V, VSS = 0.0 V, TA = −40 °C to +85 °C)
Notes :
• MB90485 series only
• P40 to P47 and P70 to P77 are N-ch open drain pins with control, which are usually used as CMOS.
• P76 and P77 are open drain pins without P-ch.
• For use as a single 3 V power supply products, set VCC = VCC3 = VCC5.
• When the device is used with dual power supplies, P20 to P27, P30 to P37, P40 to P47 and
P70 to P77 serve as 5 V pins while the other pins serve as 3 V I/O pins.
Parameter
Symbol Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
“H” level
output voltage
VOH
All output
pins
VCC
= 2.7 V,
IOH
= −1.6 mA
VCC3
− 0.3
⎯⎯
V
VCC
= 4.5 V,
IOH
= −4.0 mA
VCC5
− 0.5
⎯⎯
V
At using 5 V
power supply
“L” level
output voltage
VOL
All output
pins
VCC
= 2.7 V,
IOL
= 2.0 mA
⎯⎯
0.4
V
VCC
= 4.5 V,
IOH
= 4.0 mA
⎯⎯
0.4
V
At using 5 V
power supply
Input leakage
current
IIL
All input
pins
VCC
= 3.3 V,
VSS
< VI < VCC
−10
⎯+10
µA
Pull-up
resistance
RPULL
VCC
= 3.0 V,
at TA
= +25 °C
20
53
200
k
Open drain
output current
Ileak
P40 to P47,
P70 to P77
⎯⎯
0.1
10
µA
Power supply
current
ICC
At VCC
= 3.3 V,
internal 25 MHz operation,
normal operation
45
60
mA
At VCC
= 3.3 V,
internal 25 MHz operation,
Flash programming
55
70
mA
ICCS
At VCC
= 3.3 V,
internal 25 MHz operation,
sleep mode
17
35
mA
ICCL
At VCC
= 3.3 V,
external 32 kHz,
internal 8 kHz operation,
sub clock operation
(TA
= +25 °C)
15
140
µA
ICCT
At VCC
= 3.3 V,
external 32 kHz,
internal 8 kHz operation,
watch mode (TA
= +25 °C)
1.8
40
µA
ICCH
TA
= +25 °C, stop mode,
At VCC
= 3.3 V
0.8
40
µA
Input
capacitance
CIN
Other than
AVCC, AVSS,
VCC, VSS
⎯⎯
515
pF


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn