Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 86 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 86 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 82Page - Fujitsu Component Limited. MB90480 Datasheet HTML 83Page - Fujitsu Component Limited. MB90480 Datasheet HTML 84Page - Fujitsu Component Limited. MB90480 Datasheet HTML 85Page - Fujitsu Component Limited. MB90480 Datasheet HTML 86Page - Fujitsu Component Limited. MB90480 Datasheet HTML 87Page - Fujitsu Component Limited. MB90480 Datasheet HTML 88Page - Fujitsu Component Limited. MB90480 Datasheet HTML 89Page - Fujitsu Component Limited. MB90480 Datasheet HTML 90Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
MB90480/485 Series
86
2.
Recommended Operating Conditions
(VSS
= AVSS = 0.0 V)
* : MB90485 series only
P20 to P27, P30 to P37, P40 to P47, P70 to P77 pins can be used as 5 V I/F pin on applied 5 V to VCC5 pin.
WARNING: The recommended operating conditions are required in order to ensure the normal operation of the
semiconductor device. All of the device’s electrical characteristics are warranted when the device is
operated within these ranges.
Always use semiconductor devices within their recommended operating condition ranges. Operation
outside these ranges may adversely affect reliability and could result in device failure.
No warranty is made with respect to uses, operating conditions, or combinations not represented on
the data sheet. Users considering application outside the listed conditions are advised to contact their
FUJITSU representatives beforehand.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
Power supply voltage
VCC3
2.7
3.6
V
During normal operation
1.8
3.6
V
To maintain RAM state in stop mode
VCC5
2.7
5.5
V
During normal operation*
1.8
5.5
V
To maintain RAM state in stop mode*
“H” level input voltage
VIH
0.7 VCC
VCC
+ 0.3
V
All pins other than VIH2, VIHS, VIHM and
VIHX
VIH2
0.7 VCC
VSS
+ 5.8
V
MB90485 series only
P76, P77 pins (N-ch open drain pins)
VIHS
0.8 VCC
VCC
+ 0.3
V
Hysteresis input pins
VIHM
VCC
− 0.3
VCC
+ 0.3
V
MD pin input
VIHX
0.8 VCC
VCC
+ 0.3
V
X0A pin, X1A pin
“L” level input voltage
VIL
VSS
− 0.3
0.3 VCC
V
All pins other than VILS, VILM and VILX
VILS
VSS
− 0.3
0.2 VCC
V
Hysteresis input pins
VILM
VSS
− 0.3
VSS
+ 0.3
V
MD pin input
VILX
VSS
− 0.3
0.1
V
X0A pin, X1A pin
Operating temperature
TA
−40
+85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn