Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 8 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 8 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 4Page - Fujitsu Component Limited. MB90480 Datasheet HTML 5Page - Fujitsu Component Limited. MB90480 Datasheet HTML 6Page - Fujitsu Component Limited. MB90480 Datasheet HTML 7Page - Fujitsu Component Limited. MB90480 Datasheet HTML 8Page - Fujitsu Component Limited. MB90480 Datasheet HTML 9Page - Fujitsu Component Limited. MB90480 Datasheet HTML 10Page - Fujitsu Component Limited. MB90480 Datasheet HTML 11Page - Fujitsu Component Limited. MB90480 Datasheet HTML 12Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
MB90480/485 Series
8
■ PIN DESCRIPTIONS
(Continued)
Pin No.
Pin name
I/O
circuit
type*3
Function
QFP*1
LQFP*2
82
80
X0
A
Clock (oscillator) input pin
83
81
X1
A
Clock (oscillator) output pin
80
78
X0A
A
Clock (32 kHz oscillator) input pin
79
77
X1A
A
Clock (32 kHz oscillator) output pin
77
75
RST
B
Reset input pin
85 to 92 83 to 90
P00 to P07
C
(CMOS)
This is a general purpose I/O port. A setting in the port 0 input
resistance register (RDR0) can be used to apply pull-up resistance
(RD00-RD07
= “1”) . (Disabled when pin is set for output.)
AD00 to
AD07
In multiplex mode, these pins function as the external address/data
bus low I/O pins.
D00 to D07
In non-multiplex mode, these pins function as the external data bus
low output pins.
93 to
100
91 to 98
P10 to P17
C
(CMOS)
This is a general purpose I/O port. A setting in the port 1 input
resistance register (RDR1) can be used to apply pull-up resistance
(RD10-RD17
= “1”) . (Disabled when pin is set for output.)
AD08 to
AD15
In multiplex mode, these pins function as the external address/data
bus high I/O pins.
D08 to D15
In non-multiplex mode, these pins function as the external data bus
high output pins.
1 to 4
99,100,
1, 2
P20 to P23
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to "1" in external bus mode,
these pins function as general purpose I/O ports.
A16 to A19
When the bits of external address output control register (HACR) are
set to "0" in multiplex mode, these pins function as address high
output pins (A16-A19).
When the bits of external address output control register (HACR) are
set to "0" in non-multiplex mode, these pins function as address high
output pins (A16-A19).
5 to 8
3 to 6
P24 to P27
E
(CMOS/H)
This is a general purpose I/O port. When the bits of external address
output control register (HACR) are set to "1" in external bus mode,
these pins function as general purpose I/O ports.
A20 to A23
When the bits of external address output control register (HACR) are
set to "0" in multiplex mode, these pins function as address high
output pins (A20-A23).
When the bits of external address output control register (HACR) are
set to "0" in non-multiplex mode, these pins function as address high
output pins (A20-A23).
PPG0 to
PPG3
Output pins for PPG.
97
P30
E
(CMOS/H)
This is a general purpose I/O port.
A00
In non-multiplex mode, this pin functions as an external address pin.
AIN0
8/16-bit up/down timer input pin (ch.0) .


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn