Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 77 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 77 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 73Page - Fujitsu Component Limited. MB90480 Datasheet HTML 74Page - Fujitsu Component Limited. MB90480 Datasheet HTML 75Page - Fujitsu Component Limited. MB90480 Datasheet HTML 76Page - Fujitsu Component Limited. MB90480 Datasheet HTML 77Page - Fujitsu Component Limited. MB90480 Datasheet HTML 78Page - Fujitsu Component Limited. MB90480 Datasheet HTML 79Page - Fujitsu Component Limited. MB90480 Datasheet HTML 80Page - Fujitsu Component Limited. MB90480 Datasheet HTML 81Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 120 page
background image
MB90480/485 Series
77
20. ROM Mirror Function Select Module
The ROM mirror function selection module sets the data in ROM assigned to FF bank so that the data is read
by access to 00 bank.
(1) Register List
(2) Block Diagram
Note : Do not access ROM mirror function selection register (ROMM) on using the area of address 004000H to
00FFFFH (008000H to 00FFFFH) .
• ROM mirror function select register (ROMM)
- : Not used
Initial value
Address : 00006FH
------+1B
(
+ ) : MB90F489B : Read only, fixed at “1”
Other : Selectable, Initial value 0
R/W
R/W
15
14
13
12
11
10
9
8
⎯⎯
MS
MI
(
+)
ROM
Address area
FF bank
00 bank
ROM mirror function select
F2MC-16LX bus


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn