Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 70 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 70 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 66Page - Fujitsu Component Limited. MB90480 Datasheet HTML 67Page - Fujitsu Component Limited. MB90480 Datasheet HTML 68Page - Fujitsu Component Limited. MB90480 Datasheet HTML 69Page - Fujitsu Component Limited. MB90480 Datasheet HTML 70Page - Fujitsu Component Limited. MB90480 Datasheet HTML 71Page - Fujitsu Component Limited. MB90480 Datasheet HTML 72Page - Fujitsu Component Limited. MB90480 Datasheet HTML 73Page - Fujitsu Component Limited. MB90480 Datasheet HTML 74Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 120 page
background image
MB90480/485 Series
70
(3) Clock Feed Map
4
4
3
X0A
X1A
X0
HCLK
MCLK
UART0
CPU,
µDMAC
SCLK
PCLK
X1
φ
12
3
4
PPG0, PPG1
PPG2, PPG3
PPG4, PPG5
TIN0
TOT0
SCK0, SIN0
SOT0
SCK1, SCK2
SOT1, SOT2
OUT0, OUT1, OUT2,
IN0, IN1
AN0 to AN7, ADTG
CS0, CS1,
FRCK
IRQ0 to IRQ7
SIN1, SIN2
AIN0, AIN1
BIN0, BIN1
ZIN0, ZIN1
CS2, CS3
OUT3, OUT4, OUT5
Watchdog timer
Oscillator
stabilization
wait control
pin
pin
pin
pin
pins
× 4
× 2
Clock
selector
PLL multiplier
circuit
Watch timer
Timebase
timer
Sub clock
generator
circuit
System clock
generator
circuit
8/16-bit PPG
timer 0
8/16-bit PPG
timer 1
8/16-bit PPG
timer 2
16-bit reload
timer 0
Chip select
16-bit output
compare
16-bit free run
timer
16-bit input
capture
10-bit A/D
converter
pins
pins
pin
pin
pins
pin
pins
pins
pins
pins
pins
pin
pins
HCLK : Oscillator clock
MCLK : Main clock
SCLK : Sub clock
PCLK : PLL clock
φ
: Machine clock
Peripheral functions
Clock generator module
pins
pin
Extended I/O
serial interface,
2 channels
8/16-bit
up/down counter
External interrupt


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn