Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 66 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 66 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 62Page - Fujitsu Component Limited. MB90480 Datasheet HTML 63Page - Fujitsu Component Limited. MB90480 Datasheet HTML 64Page - Fujitsu Component Limited. MB90480 Datasheet HTML 65Page - Fujitsu Component Limited. MB90480 Datasheet HTML 66Page - Fujitsu Component Limited. MB90480 Datasheet HTML 67Page - Fujitsu Component Limited. MB90480 Datasheet HTML 68Page - Fujitsu Component Limited. MB90480 Datasheet HTML 69Page - Fujitsu Component Limited. MB90480 Datasheet HTML 70Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 120 page
background image
MB90480/485 Series
66
14. Watchdog timer
The watchdog timer is a 2-bit counter that uses the output from the timebase timer or watch timer as a count
clock signal, and will reset the CPU if not cleared within a predetermined time interval after it is activated.
(1) Register List
(2) Block Diagram
Watchdog timer control register (WDTC)
0000A8H
Read/write
Initial value
X
R
X
R
X
R
X
W
1
W
1
W
1
76
5
4
3
2
1
0
R
X
PONR
WRST
ERST
SRST
WTE
WT1
WT0
Reserved
PONR
WRST ERST SRST WTE
WT1
WT0
× 21 × 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
× 21
SCLK
CLR
CLR
× 22
× 28 × 29 × 210 × 211 × 212 × 213 × 214 × 215 × 216 × 217 × 218
2
4
4
Watchdog timer control register (WDTC)
Watchdog timer
Watch mode start
Timebase timer
mode start
Sleep mode start
Hold status start
Counter
clear
control
circuit
Count
clock
selector
2-bit
counter
Watchdog
reset
generator
circuit
Clear
Internal
reset
generator
circuit
CLR and
start
Time-base counter
HCLK
× 2
HCLK : Oscillator clock
SCLK : Sub clock
Watch timer control
register (WTO)
WDCS bit
Clock select register
(CKSCR)
SCM bit
Stop mode
start
Re-
served


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn