Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 59 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 59 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 55Page - Fujitsu Component Limited. MB90480 Datasheet HTML 56Page - Fujitsu Component Limited. MB90480 Datasheet HTML 57Page - Fujitsu Component Limited. MB90480 Datasheet HTML 58Page - Fujitsu Component Limited. MB90480 Datasheet HTML 59Page - Fujitsu Component Limited. MB90480 Datasheet HTML 60Page - Fujitsu Component Limited. MB90480 Datasheet HTML 61Page - Fujitsu Component Limited. MB90480 Datasheet HTML 62Page - Fujitsu Component Limited. MB90480 Datasheet HTML 63Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 120 page
background image
MB90480/485 Series
59
10. 16-bit Reload Timer
The 16-bit reload timer provides a choice of functions, including internal clock signals that count down in
synchronization with three types of internal clock, as well as an event count mode that counts down at specified
edge detection events in pulse signals input from external pins. This timer defines an underflow as a change in
count value from 0000H to FFFFH. Thus an underflow will occur when counting from the value “reload register
setting value
+ 1”. The choice of counting operations includes reload mode, in which the count setting values is
reloaded and counting continues following an underflow event, and one-shot mode, in which an underflow event
causes counting to stop. An interrupt can be generated at counter underflow, and the timer is DTC compatible.
(1) Register List
• TMCSR (Timer control status register)
Timer control status register (high) (TMCSR)
Timer control status register (low) (TMCSR)
• 16-bit timer register/16-bit reload register
TMR/TMRLR (high)
TMR/TMRLR (low)
0000CBH
Read/Write
Initial value
0000CAH
Read/Write
Initial value
0000CDH
Read/Write
Initial value
0000CCH
Read/Write
Initial value
R/W
0
R/W
0
R/W
0
R/W
0
15
14
13
12
11
10
9
8
⎯⎯
CSL1
CSL0
MOD2
MOD1
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
76
5
4
3
2
1
0
OUTE
R/W
0
MOD0
OUTL
RELD
INTE
UF
CNTE
TRG
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
15
14
13
12
11
10
9
8
D14
R/W
X
D15
D13
D12
D11
D10
D09
D08
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
76
5
4
3
2
1
0
D06
R/W
X
D07
D05
D04
D03
D02
D01
D00


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn