Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 57 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 57 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 53Page - Fujitsu Component Limited. MB90480 Datasheet HTML 54Page - Fujitsu Component Limited. MB90480 Datasheet HTML 55Page - Fujitsu Component Limited. MB90480 Datasheet HTML 56Page - Fujitsu Component Limited. MB90480 Datasheet HTML 57Page - Fujitsu Component Limited. MB90480 Datasheet HTML 58Page - Fujitsu Component Limited. MB90480 Datasheet HTML 59Page - Fujitsu Component Limited. MB90480 Datasheet HTML 60Page - Fujitsu Component Limited. MB90480 Datasheet HTML 61Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 120 page
background image
MB90480/485 Series
57
9.
I2C Interface (MB90485 series only)
The I2C interface is a serial I/O port supporting the Inter IC BUS. Serves as a master/slave device on the I2C bus.
The I2C interface has the following functions.
• Master/slave transmit/receive
• Arbitration function
• Clock synchronization
• Slave address/general call address detection function
• Forwarding direction detection function
• Start condition repeated generation and detection
• Bus error detection function
(1) Register List
Bus Status Register (IBSR)
Bus control register (IBCR)
Clock control register (ICCR)
Address register (IADR)
Data register (IDAR)
Initial value
000088H
00000000B
Initial value
000089H
00000000B
Initial value
00008AH
--0XXXXXB
Initial value
00008BH
-XXXXXXXB
Initial value
00008CH
XXXXXXXXB
76
5
4
3
2
1
0
BB
RSC
AL
LRB TRX
AAS
GCA
FBT
RR
R
R
R
R
R
R
15
14
13
12
11
10
9
8
BER BEIE SCC
MSS ACK GCAA INTE
INT
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
EN
CS4 CS3
CS2
CS1
CS0
R/W
R/W
R/W
R/W
R/W
R/W
15
14
13
12
11
10
9
8
A6
A5
A4
A3
A2
A1
A0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
76
5
4
3
2
1
0
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn