Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 56 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 56 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 52Page - Fujitsu Component Limited. MB90480 Datasheet HTML 53Page - Fujitsu Component Limited. MB90480 Datasheet HTML 54Page - Fujitsu Component Limited. MB90480 Datasheet HTML 55Page - Fujitsu Component Limited. MB90480 Datasheet HTML 56Page - Fujitsu Component Limited. MB90480 Datasheet HTML 57Page - Fujitsu Component Limited. MB90480 Datasheet HTML 58Page - Fujitsu Component Limited. MB90480 Datasheet HTML 59Page - Fujitsu Component Limited. MB90480 Datasheet HTML 60Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
MB90480/485 Series
56
(3) Input Capture
The input capture module performs the functions of detecting the rising edge, falling edge, or both edges of
signal input from external circuits, and saving the 16-bit free run timer value at that moment to a register. An
interrupt can also be generated at the instant of edge detection.
The input capture module consists of input capture registers and a control register. Each input capture module
has its own external input pin.
• Selection of three types of valid edge for external input signals.
Rising edge, falling edge, both edges.
• An interrupt can be generated when a valid edge is detected in the external input signal.
• Register List
•Block Diagram
Input capture data register (IPCP0, IPCP1)
Input capture control status register (ICS01)
Initial value
00005DH
00005FH
XXXXXXXXB
Initial value
00005CH
00005EH
XXXXXXXXB
Initial value
000060H
00000000B
15
14
13
12
11
10
9
8
RR
R
R
R
R
R
R
CP14
CP15
CP13
CP12
CP11
CP10
CP09
CP08
76
5
4
3
2
1
0
RR
R
R
R
R
R
R
CP06
CP07
CP05
CP04
CP03
CP02
CP01
CP00
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
ICP0
ICP1
ICE1
ICE0
EG11
EG10
EG01
EG00
IN0
EG11 EG10 EG01 EG00
ICP1
ICP0
ICE1
ICE0
IN1
Capture data register 0
16-bit timer counter value (T15 to T00)
Capture data register 1
Edge detection
Edge detection
Interrupt
Interrupt


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn