Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 54 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 54 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 50Page - Fujitsu Component Limited. MB90480 Datasheet HTML 51Page - Fujitsu Component Limited. MB90480 Datasheet HTML 52Page - Fujitsu Component Limited. MB90480 Datasheet HTML 53Page - Fujitsu Component Limited. MB90480 Datasheet HTML 54Page - Fujitsu Component Limited. MB90480 Datasheet HTML 55Page - Fujitsu Component Limited. MB90480 Datasheet HTML 56Page - Fujitsu Component Limited. MB90480 Datasheet HTML 57Page - Fujitsu Component Limited. MB90480 Datasheet HTML 58Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 120 page
background image
MB90480/485 Series
54
(2) Output Compare
The output compare module is composed of a 16-bit compare register, compare output pin unit, and control
register. When the value in the compare register in this module matches the 16-bit free run timer, the pin output
levels can be inverted and an interrupt generated.
• There are six compare registers in all, each operating independently. A setting is available to allow two compare
registers to be used to control output.
• Interrupts can be set in terms of compare match events.
• Register List
Output compare registers (OCCP0 to OCCP5)
Output control registers (OCS1/OCS3/OCS5)
Output control registers (OCS0/OCS2/OCS4)
Initial value
00004BH
00004DH
00004FH
000051H
000053H
000055H
00000000B
Initial value
00004AH
00004CH
00004EH
000050H
000052H
000054H
00000000B
Initial value
000057H
000059H
00005BH
---00000B
Initial values
000056H
000058H
00005AH
0000--00B
15
14
13
12
11
10
9
8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
C14
C15
C13
C12
C11
C10
C09
C08
76
5
4
3
2
1
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
C06
C07
C05
C04
C03
C02
C01
C00
0
15
14
13
12
11
10
9
8
⎯⎯
R/W
R/W
R/W
R/W
R/W
⎯⎯
CMOD
OTE1
OTE0
OTD1
OTD0
76
5
4
3
2
1
0
R/W
R/W
R/W
R/W
⎯⎯
R/W
R/W
ICP0
ICPIC
ICE1
ICE0
⎯⎯
CST1
CST0


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn