Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 50 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 50 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 46Page - Fujitsu Component Limited. MB90480 Datasheet HTML 47Page - Fujitsu Component Limited. MB90480 Datasheet HTML 48Page - Fujitsu Component Limited. MB90480 Datasheet HTML 49Page - Fujitsu Component Limited. MB90480 Datasheet HTML 50Page - Fujitsu Component Limited. MB90480 Datasheet HTML 51Page - Fujitsu Component Limited. MB90480 Datasheet HTML 52Page - Fujitsu Component Limited. MB90480 Datasheet HTML 53Page - Fujitsu Component Limited. MB90480 Datasheet HTML 54Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 120 page
background image
MB90480/485 Series
50
8.
16-bit Input/Output Timer
The 16-bit input/output timer module is composed of one 16-bit free run timer, six output compare and two input
capture modules. These functions can be used to output six independent waveforms based on the 16-bit free
run timer, enabling input pulse width measurement and external clock frequency measurement.
• Register List
• 16-bit free run timer
• 16-bit output compare
• 16-bit input capture
CPCLR
15
0
000066/67H
000062/63H
000064/65H
TCDT
TCCS
Compare-clear register
Timer counter data register
Control status register
OCCP0 to OCCP5
15
0
OCS0/2/4
OCS1/3/5
00004A, 4C, 4E, 50, 52, 54H
00004B, 4D, 4F, 51, 53, 55H
000056, 58, 5AH
000057, 59, 5BH
Output compare register
Output compare
control registers
IPCP0, IPCP1
15
0
ICS01
00005C, 5EH
00005D, 5FH
000060H
Input capture data register
Input capture control
status register


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn