Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90480 Datasheet(PDF) 43 Page - Fujitsu Component Limited.

Part No. MB90480
Description  16-bit Proprietary Microcontroller
Download  120 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90480 Datasheet(HTML) 43 Page - Fujitsu Component Limited.

Back Button MB90480 Datasheet HTML 39Page - Fujitsu Component Limited. MB90480 Datasheet HTML 40Page - Fujitsu Component Limited. MB90480 Datasheet HTML 41Page - Fujitsu Component Limited. MB90480 Datasheet HTML 42Page - Fujitsu Component Limited. MB90480 Datasheet HTML 43Page - Fujitsu Component Limited. MB90480 Datasheet HTML 44Page - Fujitsu Component Limited. MB90480 Datasheet HTML 45Page - Fujitsu Component Limited. MB90480 Datasheet HTML 46Page - Fujitsu Component Limited. MB90480 Datasheet HTML 47Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 120 page
background image
MB90480/485 Series
43
5.
8/16-bit PPG
The 8/16-bit PPG is an 8-bit reload timer module that produces a PPG output using a pulse from the timer
operation. Hardware resources include 6
× 8-bit down counters, 12 × 8-bit reload timers, 3 × 16-bit control
registers, 6
× external pulse output pins, and 6 × interrupt outputs. Note that MB90480/485 series has six channels
for 8-bit PPG use, which can also be combined as PPG0
+ PPG1, PPG2 + PPG3, and PPG4 + PPG5 to operate
as a three-channel 16-bit PPG. The following is a summary of functions.
• 8-bit PPG output 6-channel independent mode : Provides PPG output operation on six independent channels.
• 16-bit PPG output operation mode : Provides 16-bit PPG output on three channels. The six original channels
are used in combination as PPG0
+ PPG1, PPG2 + PPG3, and PPG4 + PPG5.
•8
+ 8-bit PPG output operation mode : Output from PPG0 (PPG2/PPG4) is used as clock input to PPG1 (PPG3/
PPG5) to provide to 8-bit PPG output at any desired period length.
• PPG output operation : Produces pulse waves at any desired period and duty ratio. The PPG module can also
be used with external circuits as a D/A converter.
(1) Register List
PPGC0/PPGC2/PPGC4 (PPG0/PPG2/PPG4 operation mode control register)
PPGC1/PPGC3/PPGC5 (PPG1/PPG3/PPG5 operation mode control register)
PPG01/PPG23/PPG45 (PPG0 to PPG5 output control register)
PPLL0 to PPLL5 (Reload register L)
PPLH0 to PPLH5 (Reload register H)
00003AH
00003CH
00003EH
Read/write
Initial value
00003BH
00003DH
00003FH
Read/write
Initial value
000040H
000042H
000044H
Read/write
Initial value
00002EH
000030H
000032H
000034H
000036H
000038H
Read/write
Initial value
00002FH
000031H
000033H
000035H
000037H
000039H
Read/write
Initial value
X
R/W
0
R/W
0
R/W
0
X
X
1
76
5
4
3
2
1
0
R/W
0
PEN0
PE00
PIE0
PUF0
⎯⎯
Reserved
X
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
1
15
14
13
12
11
10
9
8
R/W
0
PEN1
PE10
PIE1
PUF1
MD1
MD0
Reserved
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
R/W
0
76
5
4
3
2
1
0
PCS1
R/W
0
PCS2
PCS0
PCM2
PCM1
PCM0
Reserved
Reserved
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
76
5
4
3
2
1
0
D06
R/W
X
D07
D05
D04
D03
D02
D01
D00
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
R/W
X
15
14
13
12
11
10
9
8
D14
R/W
X
D15
D13
D12
D11
D10
D09
D08


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90580C16-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn