Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1008 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part # F1008
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POLYFET [Polyfet RF Devices]
Direct Link  http://www.polyfet.com
Logo POLYFET - Polyfet RF Devices

F1008 Datasheet(HTML) 1 Page - Polyfet RF Devices

  F1008 Datasheet HTML 1Page - Polyfet RF Devices F1008 Datasheet HTML 2Page - Polyfet RF Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF CHARACTERISTICS (
WATTS OUTPUT )
40
General Description
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
PATENTED GOLD METALIZED
40 Watts Gemini
Package Style AK
HIGH EFFICIENCY, LINEAR,
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
o
Total
Device
Junction to
Case Thermal
Maximum
Junction
Storage
Temperature
DC Drain
Current
Drain to
Gate
Drain to
Source
Gate to
Source
170 Watts
1.05
C
o
200
-65
to 150
8 A
30V
V
V
70
70
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Gps
η
VSWR
Common Source Power Gai
Drain Efficiency
Load Mismatch Toleranc
dB
%
Relative
13
60
0.8
20:1
Idq =
Idq =
Idq =
0.8
0.8
A,
A,
A,
28.0
Vds =
V,
28.0
Vds =
V,
28.0
Vds =
V,
F = 400 MHz
F = 400 MHz
F = 400 MHz
Bvdss
Idss
Igss
Vgs
gM
Rdson
Idsat
Ciss
Crss
Coss
Drain Breakdown Voltag
Zero Bias Drain Curren
Gate Leakage Curren
Gate Bias for Drain Curren
Forward Transconductanc
Saturation Resistanc
Saturation Curren
Common Source Input Capacitanc
Common Source Feedback Capacitanc
Common Source Output Capacitanc
65
2
1
7
1
1.6
0.7
11
66
8
40
Mho
Ohm
Amp
pF
V
V
pF
pF
mA
uA
0.1
Ids =
A,
Vgs = 0V
28.0
Vds =
V,
Vgs = 0V
Vds = 0 V,
Vgs = 30V
0.2
Ids =
A,
Vgs = Vds
Vds = 10V, Vgs = 5V
Vgs = 20V, Ids = 8
Vgs = 20V, Vds = 10V
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
A
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
SILICON GATE ENHANCEMENT MODE
RF POWER
HIGH GAIN, LOW NOISE
"Polyfet"
process features
gold metal for greatly extended
lifetime. Low output capacitance
and high F enhance broadband
performance
t
TM
C
o
C
o
C/W
o
F1008
polyfet rf devices
Dissipation
Resistance
Temperature
Voltage
Voltage
Voltage
8/1/97
VDMOS TRANSISTOR


Similar Part No. - F1008

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
F10080 IVO-F10080 Datasheet
81Kb / 1P
   My-Com precision switches
More results

Similar Description - F1008

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
F1021 POLYFET-F1021 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1058 POLYFET-F1058 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1060 POLYFET-F1060 Datasheet
38Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F1081 POLYFET-F1081 Datasheet
40Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
F1170 POLYFET-F1170 Datasheet
43Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR???
F1240 POLYFET-F1240 Datasheet
41Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F1401 POLYFET-F1401 Datasheet
42Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F1520 POLYFET-F1520 Datasheet
36Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2002 POLYFET-F2002 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
F2004 POLYFET-F2004 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
F2012 POLYFET-F2012 Datasheet
37Kb / 2P
   PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com