Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 29 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 29 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 25Page - Fujitsu Component Limited. MB90580C Datasheet HTML 26Page - Fujitsu Component Limited. MB90580C Datasheet HTML 27Page - Fujitsu Component Limited. MB90580C Datasheet HTML 28Page - Fujitsu Component Limited. MB90580C Datasheet HTML 29Page - Fujitsu Component Limited. MB90580C Datasheet HTML 30Page - Fujitsu Component Limited. MB90580C Datasheet HTML 31Page - Fujitsu Component Limited. MB90580C Datasheet HTML 32Page - Fujitsu Component Limited. MB90580C Datasheet HTML 33Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 110 page
background image
MB90580C Series
29
(Continued)
Address
Register name
Abbreviated
register
name
Read/
write
Resource name
Initial value
40H
Reload register L (ch.0)
PRLL0
R/W
8/16 bit
PPG0/1
XXXXXXXXB
41H
Reload register H (ch.0)
PRLH0
R/W
XXXXXXXXB
42H
Reload register L (ch.1)
PRLL1
R/W
XXXXXXXXB
43H
Reload register H (ch.1)
PRLH1
R/W
XXXXXXXXB
44H
PPG0 operating mode control
register
PPGC0
R/W
0 X 0 0 0 X X 1B
45H
PPG1 operating mode control
register
PPGC1
R/W
0 X 0 0 0 0 0 1B
46H
PPG0 and 1 operating output control
registers
PPGOE
R/W
0 0 0 0 0 0 0 0B
47H
(Disabled)
48H
Timer control status register lower
TMCSR0
R/W
16 bit
reload timer 0
0 0 0 0 0 0 0 0B
49H
Timer control status register upper
− − − − 0 0 0 0B
4AH
16 bit timer register lower/
16 bit reload register lower
TMR0/
TMRLR0
R/W
XXXXXXXXB
4BH
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
4CH
Timer control status register lower
TMCSR1
R/W
16 bit
reload timer 1
0 0 0 0 0 0 0 0B
4DH
Timer control status register upper
− − − − 0 0 0 0B
4EH
16bit timer register lower/
16 bit reload register lower
TMR1/
TMRLR1
R/W
XXXXXXXXB
4FH
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
50H
Timer control status register lower
TMCSR2
R/W
16 bit
reload timer 2
0 0 0 0 0 0 0 0B
51H
Timer control status register upper
− − − − 0 0 0 0B
52H
16 bit timer register lower/
16 bit reload register lower
TMR2/
TMRLR2
R/W
XXXXXXXXB
53H
16 bit timer register upper/
16 bit reload register upper
XXXXXXXXB
54H
PWC control status register lower
PWCSR
R/W
or R
16 bit
PWC timer
0 0 0 0 0 0 0 0B
55H
PWC control status register upper
0 0 0 0 0 0 0 0B
56H
PWC data buffer register lower
PWCR
R/W
XXXXXXXXB
57H
PWC data buffer register upper
XXXXXXXXB
58H
Divide ratio control register
DIVR
R/W
− − − − − − 0 0B
59H
(Disabled)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn