Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 23 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 23 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 19Page - Fujitsu Component Limited. MB90580C Datasheet HTML 20Page - Fujitsu Component Limited. MB90580C Datasheet HTML 21Page - Fujitsu Component Limited. MB90580C Datasheet HTML 22Page - Fujitsu Component Limited. MB90580C Datasheet HTML 23Page - Fujitsu Component Limited. MB90580C Datasheet HTML 24Page - Fujitsu Component Limited. MB90580C Datasheet HTML 25Page - Fujitsu Component Limited. MB90580C Datasheet HTML 26Page - Fujitsu Component Limited. MB90580C Datasheet HTML 27Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 110 page
background image
MB90580C Series
23
s BLOCK DIAGRAM
X0, X1
X0A, X1A
RST
HST
6
8
3
3
8
8
3
P00 to P07/
AD00 to AD07
P10 to P17/
AD08 to AD15
P20 to P27/
A16 to A23
P30/ALE
P31/RD
P32/WRL
P33/WRH
P34/HRQ
P35/HAK
P36/RDY
P37/CLK
P47
SIN0, SOT0, SCK0/
P40 to P42
3
8
8
SIN1, SOT1, SCK1/
P43 to P45
P90 to P92/
TIN0 to TIN2/
IN0 to IN2
2
P94, P95/
TOT1, TOT2/
OUT0, OUT1
2
2
P63, P64/
PPG1, PPG0
3
SIN2, SOT2,
SCK2/
P60 to P62
8
P80 to P87/
IRQ0 to IRQ7
2
P71, P72
2
P73, P74
/DA00, DA01
P93/
TOT0/
IN3
PA0 to PA2
P96/PWC
P97/POT
P65/CKOT
DVRH
DVSS
ADTG / P46
AVCC
AVRH, AVRL
AVSS
SIN3, SOT3, SCK3/
P50 to P52/
AN0 to AN2
P53/AN3, P57/AN7
SIN4, SOT4, SCK4/
P54 to P56/
AN4 to AN6
TX
RX
ROM
UART
× 2 ch
UART
× 1 ch
8
/ 16 PPG × 1 ch
UART
× 2 ch
RAM
*
Other pins
MD2 to MD0
C,VCC,VSS
3
3
2
Clock control
circuit
CMOS I/O port 0
CMOS I/O port 1
CMOS I/O port 2
CMOS I/O port 3
Prescaler
× 2 ch
A/D converter
(8/10 bit)
Interrupt controller
CMOS I/O port A
CMOS I/O port 9
CMOS I/O port 8
CMOS I/O port 7
External interrupt
D/A converter
(8 bit)
× 2 ch
Evaluation device (MB90V580B)
This chip has no internal ROM.
Internal RAM is 6 Kbytes.
Internal resources are common.
The package is PGA-256C-A02.
IEBusTM controller
Prescaler
× 2 ch
CMOS I/O port 6
CMOS I/O port 5
I/O timer
16 bit ICU
× 4 ch
16 bit OCU
× 2 ch
16 bit free run timer
16 bit reload
timer
× 3 ch
Noise filter
PWC timer
16 bit
× 1 ch
Prescaler
× 1 ch
P00 to 07 (8 channels): Provided with a register available as an input pull-up resistor.
P10 to 17(8 channels): Provided with a register available as an input pull-up resistor.
P60 to 65(6 channels): Provided with a register available as an input pull-up resistor.
P40 to 47 (8 channels): Provided with a register available as an open drain.
*: The MB90587C/CA has no IEBusTM controller. The TX and RX pins are N.C. pins.
Clock monitor
CPU Core of
F2MC-16LX family


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn