Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 11Page - Fujitsu Component Limited. MB90580C Datasheet HTML 12Page - Fujitsu Component Limited. MB90580C Datasheet HTML 13Page - Fujitsu Component Limited. MB90580C Datasheet HTML 14Page - Fujitsu Component Limited. MB90580C Datasheet HTML 15Page - Fujitsu Component Limited. MB90580C Datasheet HTML 16Page - Fujitsu Component Limited. MB90580C Datasheet HTML 17Page - Fujitsu Component Limited. MB90580C Datasheet HTML 18Page - Fujitsu Component Limited. MB90580C Datasheet HTML 19Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 110 page
background image
MB90580C Series
15
(Continued)
*1: FPT-100P-M06
*2: FPT-100P-M05
Pin no.
Pin name Circuit type
Function
QFP*1
LQFP*2
74
72
P97
F (CMOS/H)
General-purpose I/O port.
POT
This pin serves as the PWC output with the PWC timer enabled.
75, 76
73, 74
PA0, PA1 F (CMOS/H) General-purpose I/O port.
78
76
PA2
F (CMOS/H) General-purpose I/O port.
79
77
X1A
A
Oscillation pin.
Leave the terminal open for the one clock system parts.
80
78
X0A
A
Oscillation pin.
Pull-down the terminal externally for the one clock system parts.
34
32
AVCC
A/D converter power supply pin.
37
35
AVSS
A/D converter power supply pin.
35
33
AVRH
A/D converter external reference power supply pin.
36
34
AVRL
A/D converter external reference power supply pin.
30
28
DVRH
D/A converter external reference power supply pin.
31
29
DVSS
D/A converter power supply pin.
49 to 51 47 to 49
MD0 to
MD2
C
Input pin for specifying the operation mode.
Connect these pins directly to Vcc or Vss.
23, 84
21, 82
VCC
Power supply (5 V) input pin.
11, 42,
81
9, 40,
79
VSS
Power supply (0 V) input pin.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn