Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 11 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 11 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 7Page - Fujitsu Component Limited. MB90580C Datasheet HTML 8Page - Fujitsu Component Limited. MB90580C Datasheet HTML 9Page - Fujitsu Component Limited. MB90580C Datasheet HTML 10Page - Fujitsu Component Limited. MB90580C Datasheet HTML 11Page - Fujitsu Component Limited. MB90580C Datasheet HTML 12Page - Fujitsu Component Limited. MB90580C Datasheet HTML 13Page - Fujitsu Component Limited. MB90580C Datasheet HTML 14Page - Fujitsu Component Limited. MB90580C Datasheet HTML 15Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 110 page
background image
MB90580C Series
11
*1: FPT-100P-M06
*2: FPT-100P-M05
(Continued)
Pin no.
Pin name
Circuit
type
Function
QFP*1
LQFP*2
21
19
P43
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD43 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D43=“0”).]
SIN1
UART1 serial data input (SIN1) pin.
When UART1 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
22
20
P44
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD44 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D44=“0”).]
SOT1
UART1 serial data output pin (SOT1).
This pin is enabled with the UART1 serial data output enabled.
24
22
P45
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD45 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D45=“0”).]
SCK1
UART1 serial clock I/O pin (SCK1).
This pin is enabled with the UART1 clock output enabled.
25
23
P46
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD46 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D46=“0”).]
ADTG
External trigger input pin (ADTG) for the A/D converter.
26
24
P47
E
(CMOS/H)
General-purpose I/O port.
This pin serves as an open-drain output port with OD47 in the open-
drain control setting register (ODR4) set to “1”. [The pin is disabled
with the input setting (DDR4 register: D47=“0”).]
38
36
P50
G
(CMOS/H)
General-purpose I/O port.
AN0
Analog input pin (AN0) for use during A/D converter operation.
SIN3
UART3 serial data input pin (SIN3).
When UART3 is operating for input, this input is used as required and
thus the output from any other function to the pin must be off unless
used intentionally.
39
37
P51
G
(CMOS/H)
General-purpose I/O port.
AN1
Analog input pin (AN1) for use during A/D converter operation.
SOT3
UART3 serial data output pin (SOT3).
This pin is enabled with the UART3 serial data output enabled.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn