Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 87 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 87 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 83Page - Fujitsu Component Limited. MB90580C Datasheet HTML 84Page - Fujitsu Component Limited. MB90580C Datasheet HTML 85Page - Fujitsu Component Limited. MB90580C Datasheet HTML 86Page - Fujitsu Component Limited. MB90580C Datasheet HTML 87Page - Fujitsu Component Limited. MB90580C Datasheet HTML 88Page - Fujitsu Component Limited. MB90580C Datasheet HTML 89Page - Fujitsu Component Limited. MB90580C Datasheet HTML 90Page - Fujitsu Component Limited. MB90580C Datasheet HTML 91Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 110 page
background image
MB90580C Series
87
(4) Power-on Reset
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
* : VCC must be kept lower than 0.2 V before power-on.
Note: The above values are used for causing a power-on reset.
If HST = “L”, be sure to turn the power supply on using the above values to cause a power-on reset whether
or not the power-on reset is required.
Some registers in the device are initialized only upon a power-on reset. To initialize these registers, turn the
power supply using the above values.
Parameter
Symbol Pin name Condition
Value
Unit
Remarks
Min
Max
Power supply rising time
tR
VCC
0.05
30
ms
Power supply cut-off time
tOFF
VCC
4
ms
Due to repeated
operations
VCC
VCC
VSS
3.0 V
tR
tOFF
2.7 V
0.2 V
0.2 V
0.2 V
Sudden changes in the power supply voltage may cause a power-on reset.
To change the power supply voltage while the device is in operation, it is recom-
mended to raise the voltage smoothly to suppress fluctuations as shown below.
In this case, change the supply voltage with the PLL clock not used. If the volt-
age drop is 1 V or fewer per second, however, you can use the PLL clock.
It is recommended to keep the
rising speed of the supply voltage
at 50 mV/ms or slower.
RAM data hold


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn