Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90580C Datasheet(PDF) 84 Page - Fujitsu Component Limited.

Part # MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 84 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 80Page - Fujitsu Component Limited. MB90580C Datasheet HTML 81Page - Fujitsu Component Limited. MB90580C Datasheet HTML 82Page - Fujitsu Component Limited. MB90580C Datasheet HTML 83Page - Fujitsu Component Limited. MB90580C Datasheet HTML 84Page - Fujitsu Component Limited. MB90580C Datasheet HTML 85Page - Fujitsu Component Limited. MB90580C Datasheet HTML 86Page - Fujitsu Component Limited. MB90580C Datasheet HTML 87Page - Fujitsu Component Limited. MB90580C Datasheet HTML 88Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 110 page
background image
MB90580C Series
84
4.
AC Characteristics
(1) Clock Timings
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*: The frequency fluctuation rate is the maximum deviation rate of the preset center frequency when the multiplied
PLL signal is locked.
Parameter
Symbol Pin name
Con-
dition
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
16
MHz
fCL
X0A, X1A
32.768
kHz
Clock cycle time
tHCYL
X0, X1
62.5
333
ns
tLCYL
X0A, X1A
30.5
µs
Frequency fluctuation
rate locked*
∆f

5
%
Input clock pulse width
PWH
PWL
X0
10

ns
Recommened duty
ratio of 30% to 70%
PWLH
PWLL
X0A
15.2
µs
Input clock rise/fall time
tCR
tCF
X0

5ns
External clock
operation
Internal operating clock
frequency
fCP
1.5
16
MHz Main clock operation
fLCP

8.192
kHz Subclock operation
Internal operating clock
cycle time
tCP
62.5
666
ns
Main clock operation
tLCP

122.1
µs Subclock operation
+
 α 
fo
fo
−α
∆f =
× 100 (%)
Center
frequency
X0
tHCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWH
PWL
• X0, X1 clock timing
X0A
tLCYL
tCF
tCR
0.8 VCC
0.2 VCC
PWLH
PWLL
• X0A, X1A clock timing


Similar Part No. - MB90580C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90580C FUJITSU-MB90580C_09 Datasheet
614Kb / 112P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90580C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com