Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 83 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 83 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 79Page - Fujitsu Component Limited. MB90580C Datasheet HTML 80Page - Fujitsu Component Limited. MB90580C Datasheet HTML 81Page - Fujitsu Component Limited. MB90580C Datasheet HTML 82Page - Fujitsu Component Limited. MB90580C Datasheet HTML 83Page - Fujitsu Component Limited. MB90580C Datasheet HTML 84Page - Fujitsu Component Limited. MB90580C Datasheet HTML 85Page - Fujitsu Component Limited. MB90580C Datasheet HTML 86Page - Fujitsu Component Limited. MB90580C Datasheet HTML 87Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
MB90580C Series
83
(Continued)
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
* : The current value is preliminary value and may be subject to change for enhanced characteristics without previous
notice. The power supply current is measured with an external clock.
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Power supply
current*
ICCLS
VCC
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In subsleep mode,
TA
= 25 °C
30
50
µA
MB90583C,
MB90587C,
MB90F583C
ICCT
VCC
= 5.0 V,
Internal operation
at 8 kHz,
In clock mode,
TA
= 25 °C
15
30
µA
MB90583C,
MB90587C,
MB90F583C
ICCH
In stop mode,
TA
= 25 °C
520
µA
MB90583C/CA
MB90587C/CA,
MB90F583C/CA
Input
capacitance
CIN
Except
AVCC, AVSS,
C, VCC and
VSS

10
80
pF
Open-drain
output
leakage
current
Ileak
P40 to P47

0.1
5
µA
Open-drain
output setting
Pull-up
resistance
RUP
P00 to P07
P10 to P17
P60 to P65
RST
25
50
100
k
Pull-down
resistance
RDOWN
MD2
25
50
100
k


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn