Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  MB90580C Datasheet HTML 1Page - Fujitsu Component Limited. MB90580C Datasheet HTML 2Page - Fujitsu Component Limited. MB90580C Datasheet HTML 3Page - Fujitsu Component Limited. MB90580C Datasheet HTML 4Page - Fujitsu Component Limited. MB90580C Datasheet HTML 5Page - Fujitsu Component Limited. MB90580C Datasheet HTML 6Page - Fujitsu Component Limited. MB90580C Datasheet HTML 7Page - Fujitsu Component Limited. MB90580C Datasheet HTML 8Page - Fujitsu Component Limited. MB90580C Datasheet HTML 9Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 110 page
background image
MB90580C Series
5
(Continued)
*1: Connect the oscillator to both terminals XA0 and XA1 for MB90F587C / 583C / F583C.
*2: It is setting of DIP switch S2 when Emulation pod (MB2145-507) is used.
Please refer to the MB2145-507 hardware manual (2.7 Emulator-specific Power Pin) about details.
*3: Varies with conditions such as the operating frequency (See section “s ELECTRICAL CHARACTERISTICS”).
Assurance for the MB90V580B is given only for operation with a tool at a power supply voltage of 4.5 V to 5.5
V, an operating temperature of 0 to +25
°C, and an operating frequency of 1 MHz to 16 MHz.
s PACKAGE AND CORRESPONDING PRODUCTS
: Available
×: Not available
Note: For more information about each package, see section “s PACKAGE DIMENSIONS”.
Item
Part number
MB90587C/CA
MB90583C/CA
MB90F583C/CA
MB90V580B
16-bit
I/O
timer
16-bit
free run timer
Number of channels: 1
Overflow interrupts
Output compare
(OCU)
Number of channels: 2
Pin input factor: A match signal of compare register
Input capture (ICU)
Number of channels: 4
Rewriting a register value upon a pin input (rising, falling, or both edges)
DTP/external interrupt circuit
Number of inputs: 8
Started by a rising edge, a falling edge, an “H” level input, or an “L” level input.
External interrupt circuit or extended intelligent I/O service (EI2OS) can be used.
Delayed interrupt generation
module
An interrupt generation module for switching tasks used in real time operating
systems.
UART0, 1, 2, 3, 4
Clock synchronized transmission (62.5 Kbps to 1 Mbps)
Clock asynchronized transmission (1202 bps to 9615 bps)
Transmission can be performed by bi-directional serial transmission or by master/
slave connection.
A/D converter
Resolution: 8/10-bit changeable
Number of inputs: 8
One-shot conversion mode (converts selected channel only once)
Scan conversion mode
(converts two or more successive channels and can program up to 8 channels.)
Continuous conversion mode (converts selected channel repeatedly)
Stop conversion mode (converts selected channel and stop operation repeatedly)
D/A converter
8-bit resolution
Number of channels: 2 channels
Based on the R-2R system
Low-power consumption
(standby) mode
Sleep/stop/CPU intermittent operation/clock timer/hardware standby
Process
CMOS
Power supply voltage for operation
4.5 V to 5.5 V*3
Package
MB90583C/CA
MB90587C/CA
MB90F583C/CA
FPT-100P-M05
FTP-100P-M06


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9059516-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB89670R8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn