Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90580C Datasheet(PDF) 35 Page - Fujitsu Component Limited.

Part No. MB90580C
Description  16-bit Proprietary Microcontroller
Download  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90580C Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Back Button MB90580C Datasheet HTML 31Page - Fujitsu Component Limited. MB90580C Datasheet HTML 32Page - Fujitsu Component Limited. MB90580C Datasheet HTML 33Page - Fujitsu Component Limited. MB90580C Datasheet HTML 34Page - Fujitsu Component Limited. MB90580C Datasheet HTML 35Page - Fujitsu Component Limited. MB90580C Datasheet HTML 36Page - Fujitsu Component Limited. MB90580C Datasheet HTML 37Page - Fujitsu Component Limited. MB90580C Datasheet HTML 38Page - Fujitsu Component Limited. MB90580C Datasheet HTML 39Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 110 page
background image
MB90580C Series
35
s PERIPHERAL RESOURCES
1.
I/O Ports
(1) Outline of I/O ports
When a data register serving for control output is read, the data output from it as a control output is read regardless
of the value in the direction register. Note that, if a read modify write instruction (such as a bit set instruction)
is used to preset output data in the data register when changing its setting from input to output, the data read
is not the data register latched value but the input data from the pin.
Ports 0 to 4 and 6 to A are input/output ports which serve as inputs when the direction register value is “0” or
as outputs when the value is “1”.
On the MB90580C series, ports 0 to 3 also serve as external bus pins. When the device is used in external bus
mode, therefore, these ports are restricted on use.
Ports 2 and 3 can be used as ports even in external bus mode depending on the setting of the corresponding
function select bit.
(2) Register configuration
(Continued)
Port 0 data register (PDR0)
bit
Address
: 000000H
Access
Initial value
Port 1 data register (PDR1)
bit
Address
: 000001H
Access
Initial value
Port 2 data register (PDR2)
bit
Address
: 000002H
Access
Initial value
Port 3 data register (PDR3)
bit
Address
: 000003H
Access
Initial value
Port 4 data register (PDR4)
bit
Address
: 000004H
Access
Initial value
(PDR1)
P07
P06
P05
P04
P03
P02
P01
P00
76
54
3
2
10
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………
(PDR0)
P17
P16
P15
P14
P13
P12
P11
P10
15
14
13
12
11
10
9
8
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
70
…………
(PDR3)
P27
P26
P25
P24
P23
P22
P21
P20
76
54
3
2
10
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………
(PDR2)
P37
P36
P35
P34
P33
P32
P31
P30
15
14
13
12
11
10
9
8
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
70
…………
(PDR5)
P47
P46
P45
P44
P43
P42
P41
P40
76
54
3
2
10
(R/W)
(X)
(RW)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
(R/W)
(X)
15
8
…………


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MB90495G 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90F362 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90F342E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90867E 16-bit Proprietary Microcontroller CMOS 1  2  3  4  5  More Fujitsu Component Limited.
MB90595 16-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
MB90350E 16-bit Proprietary Microcontrollers 1  2  3  4  5  More Fujitsu Component Limited.
MB89670R 8-bit Proprietary Microcontroller 1  2  3  4  5  More Fujitsu Component Limited.
XA-G37 XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1  2  3  4  5  More NXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn