Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 32 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 32 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MB90595/595G Series
32
s ELECTRICAL CHARACTERISTICS
1.
Absolute Maximum Ratings
(VSS = AVSS = 0.0 V)
*1: AVCC, AVRH, AVRL and DVCC shall not exceed VCC. AVRH and AVRL shall not exceed AVCC.
Also, AVRL shall never exceed AVRH.
*2: VI and VO should not exceed VCC + 0.3V. VI should not exceed the specified ratings. However if the maximum
current to/from an input is limited by some means with external components, the ICLAMP rating supersedes the VI
rating.
*3: The maximum output current is a peak value for a corresponding pin.
*4: Average output current is an average current value observed for a 100 ms period for a corresponding pin.
*5: Total average current is an average current value observed for a 100 ms period for all corresponding pins.
(Continued)
Parameter
Symbol
Rating
Unit
Remarks
Min
Max
Power supply voltage
VCC
VSS
− 0.3 VSS + 6.0
V
AVCC
VSS
− 0.3 VSS + 6.0
V
VCC
= AVCC
*1
AVRH
,
AVRL
VSS
− 0.3 VSS + 6.0
V
AVCC
≥ AVRH/L,
AVRH
≥ AVRL
*1
DVCC
VSS
− 0.3 VSS + 6.0
V
VCC
≥ DVCC
Input voltage
VI
VSS
− 0.3 VSS + 6.0
V
*2
Output voltage
VO
VSS
− 0.3 VSS + 6.0
V
*2
Maximum Clamp Current
ICLAMP
−2.0
2.0
mA
*6
Maximum Total Clamp Current
ICLAMP
20
mA
*6
“L” level Max. output current
IOL1
15
mA
Normal output
*3
“L” level Avg. output current
IOLAV1
4
mA
Normal output, average value
*4
“L” level Max. output current
IOL2
40
mA
High current output
*3
“L” level Avg. output current
IOLAV2
30
mA
High current output, average value *4
“L” level Max. overall output current
∑IOL1
100
mA
Total normal output
“L” level Max. overall output current
∑IOL2
330
mA
Total high current output
“L” level Avg. overall output current
∑IOLAV1
—50
mA
Total normal output, average value
*5
“L” level Avg. overall output current
∑IOLAV2
—250
mA
Total high current output, average
value
*5
“H” level Max. output current
IOH1
−15
mA
Normal output
*3
“H” level Avg. output current
IOHAV1
−4
mA
Normal output, average value
*4
“H” level Max. output current
IOH2
−40
mA
High current output
*3
“H” level Avg. output current
IOHAV2
−30
mA
High current output, average value *4
“H” level Max. overall output current
∑IOH1
−100
mA
Total normal output
“H” level Max. overall output current
∑IOH2
−330
mA
Total high current output
“H” level Avg. overall output current
∑IOHAV1
−50
mA
Total normal output, average value
*5
“H” level Avg. overall output current
∑IOHAV2
−250
mA
Total high current output, average
value
*5
Power consumption
PD
500
mW MB90F598/F598G
400
mW MB90598/598G
Operating temperature
TA
−40
+85
°C
Storage temperature
TSTG
−55
+150
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn