Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 26 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 26 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
MB90595/595G Series
26
List of Message Buffers (ID Registers)
(Continued)
Address
Register
Abbreviation
Access
Initial Value
001A00H
to
001A1FH
General-purpose RAM
--
R/W
XXXXXXXXB
to
XXXXXXXXB
001A20H
ID register 0
IDR0
R/W
XXXXXXXX XXXXXXXXB
001A21H
001A22H
XXXXX--- XXXXXXXXB
001A23H
001A24H
ID register 1
IDR1
R/W
XXXXXXXX XXXXXXXXB
001A25H
001A26H
XXXXX--- XXXXXXXXB
001A27H
001A28H
ID register 2
IDR2
R/W
XXXXXXXX XXXXXXXXB
001A29H
001A2AH
XXXXX--- XXXXXXXXB
001A2BH
001A2CH
ID register 3
IDR3
R/W
XXXXXXXX XXXXXXXXB
001A2DH
001A2EH
XXXXX--- XXXXXXXXB
001A2FH
001A30H
ID register 4
IDR4
R/W
XXXXXXXX XXXXXXXXB
001A31H
001A32H
XXXXX--- XXXXXXXXB
001A33H
001A34H
ID register 5
IDR5
R/W
XXXXXXXX XXXXXXXXB
001A35H
001A36H
XXXXX--- XXXXXXXXB
001A37H
001A38H
ID register 6
IDR6
R/W
XXXXXXXX XXXXXXXXB
001A39H
001A3AH
XXXXX--- XXXXXXXXB
001A3BH
001A3CH
ID register 7
IDR7
R/W
XXXXXXXX XXXXXXXXB
001A3DH
001A3EH
XXXXX--- XXXXXXXXB
001A3FH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn