Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 18 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 18 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MB90595/595G Series
18
(Continued)
Address
Register
Abbreviation
Access
Peripheral
Initial value
29H to 2AH
Reserved
2BH
Serial IO Prescaler
SCDCR
R/W
Serial IO
0 _ _ _ 1 1 1 1B
2CH
Serial Mode Control Register (low-order)
SMCS
R/W
_ _ _ _ 0 0 0 0B
2DH
Serial Mode Control Register (high-order)
SMCS
R/W
0 0 0 0 0 0 1 0B
2EH
Serial Data Register
SDR
R/W
XXXXXXXXB
2FH
Edge Selector
SES
R/W
_ _ _ _ _ _ _ 0B
30H
External Interrupt Enable Register
ENIR
R/W
External Interrupt
0 0 0 0 0 0 0 0B
31H
External Interrupt Request Register
EIRR
R/W
XXXXXXXXB
32H
External Interrupt Level Register
ELVR
R/W
0 0 0 0 0 0 0 0B
33H
External Interrupt Level Register
ELVR
R/W
0 0 0 0 0 0 0 0B
34H
A/D Control Status Register 0
ADCS0
R/W
A/D Converter
0 0 0 0 0 0 0 0B
35H
A/D Control Status Register 1
ADCS1
R/W
0 0 0 0 0 0 0 0B
36H
A/D Data Register 0
ADCR0
R
XXXXXXXXB
37H
A/D Data Register 1
ADCR1
R/W
0 0 0 0 1 _ XXB
38H
PPG0 Operation Mode Control Register
PPGC0
R/W
16-bit Program-
mable Pulse
Generator 0/1
0 _ 0 0 0 _ _ 1B
39H
PPG1 Operation Mode Control Register
PPGC1
R/W
0 _ 0 0 0 0 0 1B
3AH
PPG0, 1 Output Pin Control Register
PPG01
R/W
0 0 0 0 0 0 _ _B
3BH
Reserved
3CH
PPG2 Operation Mode Control Register
PPGC2
R/W
16-bit Program-
mable Pulse
Generator 2/3
0 _ 0 0 0 _ _ 1B
3DH
PPG3 Operation Mode Control Register
PPGC3
R/W
0 _ 0 0 0 0 0 1B
3EH
PPG2, 3 Output Pin Control Register
PPG23
R/W
0 0 0 0 0 0 _ _B
3FH
Reserved
40H
PPG4 Operation Mode Control Register
PPGC4
R/W
16-bit Program-
mable Pulse
Generator 4/5
0 _ 0 0 0 _ _ 1B
41H
PPG5 Operation Mode Control Register
PPGC5
R/W
0 _ 0 0 0 0 0 1B
42H
PPG4, 5 Output Pin Control Register
PPG45
R/W
0 0 0 0 0 0 _ _B
43H
Reserved
44H
PPG6 Operation Mode Control Register
PPGC6
R/W
16-bit Program-
mable Pulse
Generator 6/7
0 _ 0 0 0 _ _ 1B
45H
PPG7 Operation Mode Control Register
PPGC7
R/W
0 _ 0 0 0 0 0 1B
46H
PPG6, 7 Output Pin Control Register
PPG67
R/W
0 0 0 0 0 0 _ _B
47H
Reserved
48H
PPG8 Operation Mode Control Register
PPGC8
R/W
16-bit Program-
mable Pulse
Generator 8/9
0 _ 0 0 0 _ _ 1B
49H
PPG9 Operation Mode Control Register
PPGC9
R/W
0 _ 0 0 0 0 0 1B
4AH
PPG8, 9 Output Pin Control Register
PPG89
R/W
0 0 0 0 0 0 _ _B
4BH
Reserved


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn