Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 17 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 17 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
MB90595/595G Series
17
s I/O MAP
(Continued)
Address
Register
Abbreviation
Access
Peripheral
Initial value
00H
Port 0 Data Register
PDR0
R/W
Port 0
XXXXXXXXB
01H
Port 1 Data Register
PDR1
R/W
Port 1
XXXXXXXXB
02H
Port 2 Data Register
PDR2
R/W
Port 2
XXXXXXXXB
03H
Port 3 Data Register
PDR3
R/W
Port 3
XXXXXXXXB
04H
Port 4 Data Register
PDR4
R/W
Port 4
XXXXXXXXB
05H
Port 5 Data Register
PDR5
R/W
Port 5
XXXXXXXXB
06H
Port 6 Data Register
PDR6
R/W
Port 6
XXXXXXXXB
07H
Port 7 Data Register
PDR7
R/W
Port 7
XXXXXXXXB
08H
Port 8 Data Register
PDR8
R/W
Port 8
XXXXXXXXB
09H
Port 9 Data Register
PDR9
R/W
Port 9
_ _ XXXXXXB
0AH to 0FH
Reserved
10H
Port 0 Direction Register
DDR0
R/W
Port 0
0 0 0 0 0 0 0 0B
11H
Port 1 Direction Register
DDR1
R/W
Port 1
0 0 0 0 0 0 0 0B
12H
Port 2 Direction Register
DDR2
R/W
Port 2
0 0 0 0 0 0 0 0B
13H
Port 3 Direction Register
DDR3
R/W
Port 3
0 0 0 0 0 0 0 0B
14H
Port 4 Direction Register
DDR4
R/W
Port 4
0 0 0 0 0 0 0 0B
15H
Port 5 Direction Register
DDR5
R/W
Port 5
0 0 0 0 0 0 0 0B
16H
Port 6 Direction Register
DDR6
R/W
Port 6
0 0 0 0 0 0 0 0B
17H
Port 7 Direction Register
DDR7
R/W
Port 7
0 0 0 0 0 0 0 0B
18H
Port 8 Direction Register
DDR8
R/W
Port 8
0 0 0 0 0 0 0 0B
19H
Port 9 Direction Register
DDR9
R/W
Port 9
_ _ 0 0 0 0 0 0B
1AH
Reserved
1BH
Analog Input Enable Register
ADER
R/W
Port 6, A/D
1 1 1 1 1 1 1 1B
1CH to 1FH
Reserved
20H
Serial Mode Control Register 0
UMC0
R/W
UART0
0 0 0 0 0 1 0 0B
21H
Serial status Register 0
USR0
R/W
0 0 0 1 0 0 0 0B
22H
Serial Input/Output Data Register 0
UIDR0/
UODR0
R/W
XXXXXXXXB
23H
Rate and Data Register 0
URD0
R/W
0 0 0 0 0 0 0 XB
24H
Serial Mode Register 1
SMR1
R/W
UART1
0 0 0 0 0 0 0 0B
25H
Serial Control Register 1
SCR1
R/W
0 0 0 0 0 1 0 0B
26H
Serial Input/Output Data Register 1
SIDR1/
SODR1
R/W
XXXXXXXXB
27H
Serial Status Register 1
SSR1
R/W
0 0 0 0 1 _ 0 0B
28H
UART1 Prescaler Control Register
U1CDCR
R/W
0 _ _ _ 1 1 1 1B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn