Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 15 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 15 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
MB90595/595G Series
15
s BLOCK DIAGRAM
RAM 4 K
ROM/Flash
UART0
Prescaler
Serial I/O
Prescaler
10-bit ADC
8 ch
16-bit Reload
Timer 2 ch
16-bit
Clock
Controller
16-bit Input
Capture
4 ch
16-bit Output
Compare
4 ch
CAN
Controller
External
Interrupt
8/16-bit
PPG
6 ch
F2MC-16LX
CPU
X0,X1
RST
HST
SOT0
SCK0
SIN0
SCK2
SOT2
SIN2
AVCC
AVSS
AN0 to AN7
AVRH
AVRL
ADTG
TIN0, TIN1
TOT0, TOT1
IN0 to IN3
OUT0 to OUT3
PPG0 to PPG5
RX
TX
INT0 to INT7
UART1
Prescaler
SOT1
SCK1
SIN1
(SCI)
128 K
SMC
4ch
PWM1M0 to PWM1M3
PWM1P0 to PWM1P3
PWM2M0 to PWM2M3
PWM2P0 to PWM2P3
DVCC0, DVCC1
DVSS0 to DVSS2
IO Timer
8 ch


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn