Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
MB90595/595G Series
9
(Continued)
Pin no.
Pin name
Circuit type
Function
76
P92
D
General purpose IO
INT0
External interrupt input for INT0
78 to 80
P93 to P95
D
General purpose IO
INT1 to INT3
External interrupt input for INT1 to INT3
58, 68
DVCC
Dedicated power supply pins for the high current output buffers
(Pin No. 54 to 72)
53, 63, 73
DVSS
Dedicated ground pins for the high current output buffers
(Pin No. 54 to 72)
34
AVCC
Power supply
Dedicated power supply pin for the A/D Converter
37
AVSS
Power supply
Dedicated ground pin for the A/D Converter
35
AVRH
Power supply
Upper reference voltage input for the A/D Converter
36
AVRL
Power supply
Lower reference voltage input for the A/D Converter
49, 50
MD0
MD1
C
Operating mode selection input pins. These pins should be con-
nected to VCC or VSS.
51
MD2
H
Operating mode selection input pin. This pin should be connected
to VCC or VSS.
27
C
External capacitor pin. A capacitor of 0.1
µF should be
connected to this pin and VSS.
23, 84
VCC
Power supply
Power supply pins (5.0 V).
11, 42, 81
VSS
Power supply
Ground pins (0.0 V).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn