Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 41 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 41 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
MB90595/595G Series
41
(4) UART0/1, Serial I/O Timing
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Notes:
• AC characteristic in CLK synchronized mode.
• CL is load capacity value of pins when testing.
• tCP is the machine cycle (Unit: ns).
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Serial clock cycle time
tSCYC
SCK0 to SCK2
Internal clock oper-
ation output pins are
CL = 80 pF + 1 TTL.
8 tCP
—ns
SCK
↓ ⇒ SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
–80
80
ns
Valid SIN
⇒ SCK ↑
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
100
ns
SCK
↑ ⇒ Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
Serial clock “H” pulse width
tSHSL
SCK0 to SCK2
External clock oper-
ation output pins are
CL = 80 pF + 1 TTL.
4 tCP
—ns
Serial clock “L” pulse width
tSLSH
SCK0 to SCK2
4 tCP
—ns
SCK
↓ ⇒ SOT delay time
tSLOV
SCK0 to SCK2,
SOT0 to SOT2
150
ns
Valid SIN
⇒ SCK ↑
tIVSH
SCK0 to SCK2,
SIN0 to SIN2
60
ns
SCK
↑ ⇒ Valid SIN hold time
tSHIX
SCK0 to SCK2,
SIN0 to SIN2
60
ns
SCK
2.4 V
tSCYC
0.8 V
SOT
0.8 V
2.4 V
0.8 V
tSLOV
SIN
0.2 VCC
0.8 VCC
tIVSH
0.2 VCC
0.8 VCC
tSHIX
• Internal Shift Clock Mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn