Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB90595 Datasheet(PDF) 35 Page - Fujitsu Component Limited.

Part No. MB90595
Description  16-bit Proprietary Microcontroller
Download  52 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB90595 Datasheet(HTML) 35 Page - Fujitsu Component Limited.

Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
MB90595/595G Series
35
3.
DC Characteristics
(VCC
= 5.0 V±10%, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(Continued)
Parameter
Sym-
bol
Pin name
Condition
Value
Unit
Remarks
Min
Typ
Max
Input H voltage
VIHS
CMOS hysteresis
input pin
0.8 VCC
VCC
+0.3
V
VIHM
MD input pin
VCC
0.3
VCC
+0.3
V
Input L voltage
VILS
CMOS hysteresis
input pin
VSS
0.3
0.2 VCC
V
VILM
MD input pin
VSS
0.3
VSS
+0.3
V
Output H
voltage
VOH1
Output pins except
P70 to P87
VCC = 4.5 V,
IOH1 = –4.0 mA
VCC
0.5
——
V
Output H
voltage
VOH2
P70 to P87
VCC = 4.5 V,
IOH2 = –30.0 mA
VCC
0.5
——
V
Output L
voltage
VOL1
Output pins except
P70 to P87
VCC = 4.5 V,
IOL1 = 4.0 mA
——
0.4
V
Output L
voltage
VOL2
P70 to P87
VCC = 4.5 V,
IOL2 = 30.0 mA
——
0.5
V
Input leak
current
IIL
VCC = 5.5 V,
VSS < VI < VCC
–5
5
µA
Power supply
current *
ICC
VCC
VCC = 5.0 V
±10%,
Internal frequency:
16 MHz,
At normal operating
—35
60
mA
MB90598,
MB90598G
—50
90
mA MB90F598
—40
60
mA MB90F598G
ICCS
VCC = 5.0 V
±10%,
Internal frequency:
16 MHz,
At sleep
—11
18
mA
ICTS
VCC = 5.0 V
±1%,
Internal frequency:
2 MHz,
At timer mode
—0.3
0.6
mA
ICCH
VCC = 5.0 V
±10%,
At stop, TA = 25
°C
——
20
µA
ICCH2
VCC = 5.0 V
±10%,
At Hardware stand-
by mode,
TA = 25
°C
——
20
µA
MB90598,
MB90598G,
MB90F598
—50
100
µA MB90F598G


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB90495G16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F36216-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
MB90F342E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90867E16-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB90350E16-bit Proprietary Microcontrollers 1 2 3 4 5 MoreFujitsu Component Limited.
MB899908-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.
XA-G37XA 16-bit microcontroller family 32K OTP 512 B RAM watchdog 2 UARTs 1 2 3 4 5 MoreNXP Semiconductors
MB89930A8-bit Proprietary Microcontroller 1 2 3 4 5 MoreFujitsu Component Limited.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn