Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78DL05L Datasheet(PDF) 1 Page - AUK corp

Part # S78DL05L
Description  Low Drop output Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78DL05L Datasheet(HTML) 1 Page - AUK corp

  S78DL05L_07 Datasheet HTML 1Page - AUK corp S78DL05L_07 Datasheet HTML 2Page - AUK corp S78DL05L_07 Datasheet HTML 3Page - AUK corp S78DL05L_07 Datasheet HTML 4Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSI-9012-000
1
S78DL05L
Low Drop output Voltage Regulator
ㅣ차
Descriptions
• Three Terminal Positive Low Dropout Voltage Regulator
Features
• Low Standby Current Consumption (500 Typ.)
• Maximum Output Current (150 Max.)
• Less I/O voltage Difference (0.7V Max.)
Ordering Information
Type NO.
Marking
Package Code
S78DL05L
S78DL05L
TO-92L
Outline Dimensions
unit : mm
S
Se
em
miic
co
on
nd
du
uc
ctto
or
r
PIN Connections
1. Output
2. GND
3. Input
Functional Block Diagram


Similar Part No. - S78DL05L_07

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL05L KODENSHI-S78DL05L Datasheet
104Kb / 4P
   Low Drop output Voltage Regulator
More results

Similar Description - S78DL05L_07

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78DL05L AUK-S78DL05L Datasheet
223Kb / 3P
   Low Drop output Voltage Regulator
S5225M AUK-S5225M Datasheet
427Kb / 7P
   Low Drop Output Voltage Regulator
S52XXM AUK-S52XXM Datasheet
365Kb / 6P
   Low Drop Output Voltage Regulator
S78DL05F AUK-S78DL05F_06 Datasheet
219Kb / 3P
   Low Drop output Voltage Regulator
S78DL33L AUK-S78DL33L_07 Datasheet
155Kb / 4P
   Low Drop output Voltage Regulator
logo
KODENSHI_AUK CORP.
S78DL33 KODENSHI-S78DL33 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
S78DL05 KODENSHI-S78DL05 Datasheet
99Kb / 4P
   Low Drop output Voltage Regulator
logo
AUK corp
S78DL33F AUK-S78DL33F_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
S78DL33 AUK-S78DL33 Datasheet
218Kb / 3P
   Low Drop output Voltage Regulator
S78DL05 AUK-S78DL05_07 Datasheet
153Kb / 4P
   Low Drop output Voltage Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com