Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F1005 Datasheet(PDF) 1 Page - Polyfet RF Devices

Part No. F1005
Description  PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  POLYFET [Polyfet RF Devices]
Homepage  http://www.polyfet.com
Logo 

F1005 Datasheet(HTML) 1 Page - Polyfet RF Devices

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RF CHARACTERISTICS (
WATTS OUTPUT )
80
General Description
Silicon VDMOS and LDMOS
transistors designed specifically
for broadband RF applications.
Suitable for Military Radios,
Cellular and Paging Amplifier Base
Stations, Broadcast FM/AM, MRI,
Laser Driver and others.
PATENTED GOLD METALIZED
80 Watts Single Ended
Package Style AM
HIGH EFFICIENCY, LINEAR,
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
o
Total
Device
Junction to
Case Thermal
Maximum
Junction
Storage
Temperature
DC Drain
Current
Drain to
Gate
Drain to
Source
Gate to
Source
150 Watts
1.2
C
o
200
-65
to 150
8 A
30V
V
V
70
70
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Gps
η
VSWR
Common Source Power Gai
Drain Efficiency
Load Mismatch Toleranc
dB
%
Relative
13
60
0.8
20:1
Idq =
Idq =
Idq =
0.8
0.8
A,
A,
A,
28.0
Vds =
V,
28.0
Vds =
V,
28.0
Vds =
V,
F = 175 MHz
F = 175 MHz
F = 175 MHz
Bvdss
Idss
Igss
Vgs
gM
Rdson
Idsat
Ciss
Crss
Coss
Drain Breakdown Voltag
Zero Bias Drain Curren
Gate Leakage Curren
Gate Bias for Drain Curren
Forward Transconductanc
Saturation Resistanc
Saturation Curren
Common Source Input Capacitanc
Common Source Feedback Capacitanc
Common Source Output Capacitanc
65
4
1
7
1
3.2
0.35
22
132
16
80
Mho
Ohm
Amp
pF
V
V
pF
pF
mA
uA
0.2
Ids =
A,
Vgs = 0V
28.0
Vds =
V,
Vgs = 0V
Vds = 0 V,
Vgs = 30V
0.4
Ids =
A,
Vgs = Vds
Vds = 10V, Vgs = 5V
Vgs = 20V, Ids = 16
Vgs = 20V, Vds = 10V
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
A
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
28.0
Vds =
V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
REVISION
SILICON GATE ENHANCEMENT MODE
RF POWER
HIGH GAIN, LOW NOISE
"Polyfet"
process features
gold metal for greatly extended
lifetime. Low output capacitance
and high F enhance broadband
performance
t
TM
C
o
C
o
C/W
o
F1005
polyfet rf devices
Dissipation
Resistance
Temperature
Voltage
Voltage
Voltage
8/1/97
VDMOS TRANSISTOR


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn