Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78L24 Datasheet(PDF) 7 Page - AUK corp

Part # S78L24
Description  Positive-Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78L24 Datasheet(HTML) 7 Page - AUK corp

  S78L24 Datasheet HTML 1Page - AUK corp S78L24 Datasheet HTML 2Page - AUK corp S78L24 Datasheet HTML 3Page - AUK corp S78L24 Datasheet HTML 4Page - AUK corp S78L24 Datasheet HTML 5Page - AUK corp S78L24 Datasheet HTML 6Page - AUK corp S78L24 Datasheet HTML 7Page - AUK corp S78L24 Datasheet HTML 8Page - AUK corp S78L24 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
KSD-I0A002-001
7
S78Lxx
Electrical Characteristics
(Electrical Characteristics at VI=32V, IO=40mA, CI=0.33 ㎌, CO=0.1 ㎌, 0℃≤TJ≤125 , Unless otherwise specified)
S78L24
Parameter
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
TJ=25°C
23.0
24.0
25.0
IO=1mA ~ 40mA
VI=26.5V ~ 39V
22.8
-
25.2
Output Voltage**
VO
IO=1mA ~ 70mA
VI=32V
22.8
-
25.2
V
VI=26.5V ~ 39V
-
95
480
Line Regulation
VO(△VI)
VI=29V ~ 39V
TJ=25°C
-
78
400
mV
IO=1mA ~ 100mA
-
41
240
Load Regulation
VO(△IL)
IO=1mA ~ 40mA
TJ=25°C
-
28
120
mV
Quiescent Current
IQC
TJ=25°C
-
4.8
6.5
mA
VI=28V ~ 39V
-
-
1.5
Quiescent Current
Change
IQC
IO=1mA ~ 40mA
-
-
0.1
mA
Dropout Voltage
VDROP
TJ=25°C
-
1.7
-
V
Ripple Rejection
RR
VI=27.5V ~ 37.5V, f=120Hz
30
33
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible.
Thermal effects must be taken into account separately. All characteristics are measured with a 0.33 ㎌ capacitor across the
input and a 0.1 ㎌ capacitor across the output.
** This specification applies only for dc power dissipation permitted by absolute maximum ratings.


Similar Part No. - S78L24

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78L24 AUK-S78L24 Datasheet
251Kb / 8P
   Positive-Voltage Regulators
S78L24 AUK-S78L24 Datasheet
334Kb / 9P
   Positive-Voltage Regulators
S78L24F AUK-S78L24F Datasheet
270Kb / 8P
   Positive-Voltage Regulators
S78L24F AUK-S78L24F Datasheet
340Kb / 9P
   Positive-Voltage Regulators
S78L24F AUK-S78L24F Datasheet
340Kb / 9P
   Positive-Voltage Regulators
More results

Similar Description - S78L24

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com