Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78L10L Datasheet(PDF) 1 Page - AUK corp

Part # S78L10L
Description  Positive-Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78L10L Datasheet(HTML) 1 Page - AUK corp

  S78L10L Datasheet HTML 1Page - AUK corp S78L10L Datasheet HTML 2Page - AUK corp S78L10L Datasheet HTML 3Page - AUK corp S78L10L Datasheet HTML 4Page - AUK corp S78L10L Datasheet HTML 5Page - AUK corp S78L10L Datasheet HTML 6Page - AUK corp S78L10L Datasheet HTML 7Page - AUK corp S78L10L Datasheet HTML 8Page - AUK corp S78L10L Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
KSD-I0D001-001
1
S78LxxL
Positive-Voltage Regulators
ㅏㅆ엉
Descriptions
This series of fixed-voltage monolithic integrated-circuit voltage regulators is designed for a wide range of
applications. These applications include on-card regulation for elimination of Noise and distribution problems
associated with single-point regulation. In addition, they can be used with power-pass elements to make
high-current voltage regulators. Each of these regulators can deliver up to 100mA of output current.
The internal limiting and thermal shutdown features of these regulators make them essentially immune to overload.
When used as a replacement for a Zener diode-resistor combination, on effective improvement in output impedance
can be obtained together with lover-bias current.
Features
• 3-Terminal Regulators
• Output Current of 100mA
• Thermal Shutdown Protection
• Short-Circuit Limit Protection
Ordering Information
Type NO.
Marking
Package Code
S78LxxL
S78L□□L
TO-92L
□□
:Voltage Code (05:5V, 06:6V, 08:8V, 09:9V, 10:10V,12:12V,15:15V,18:18V,24:24V)
Outline Dimensions ( Unit : mm )
S
Seem
miiccoon
nd
du
uccttoorr
PIN Connections
1. Output
2. GND
3. Input
Reference
Voltage
I
Startup
Circuit
R2
Error
Amp
O
+
-
GND
V
V
Protection
Circuit
R1
Current
Source
BLOCK DIAGRAM


Similar Part No. - S78L10L

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78L10L AUK-S78L10L Datasheet
255Kb / 8P
   Positive-Voltage Regulators
S78L10L AUK-S78L10L Datasheet
340Kb / 9P
   Positive-Voltage Regulators
More results

Similar Description - S78L10L

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com