Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S78L09 Datasheet(PDF) 3 Page - AUK corp

Part # S78L09
Description  Positive-Voltage Regulators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

S78L09 Datasheet(HTML) 3 Page - AUK corp

  S78L09 Datasheet HTML 1Page - AUK corp S78L09 Datasheet HTML 2Page - AUK corp S78L09 Datasheet HTML 3Page - AUK corp S78L09 Datasheet HTML 4Page - AUK corp S78L09 Datasheet HTML 5Page - AUK corp S78L09 Datasheet HTML 6Page - AUK corp S78L09 Datasheet HTML 7Page - AUK corp S78L09 Datasheet HTML 8Page - AUK corp S78L09 Datasheet HTML 9Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
KSD-I0A002-001
3
S78Lxx
Electrical Characteristics
(Electrical Characteristics at VI=10V, IO=40mA, CI=0.33 ㎌, CO=0.1 ㎌, 0℃≤TJ≤125 , Unless otherwise specified)
S78L05
Parameter
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
TJ=25°C
4.80
5.00
5.20
IO=1mA ~ 40mA
VI=7V ~ 20V
4.75
-
5.25
Output Voltage**
VO
IO=1mA ~ 70mA
VI=10V
4.75
-
5.25
V
VI=7V ~ 20V
-
32
150
Line Regulation
VO(△VI)
VI=8V ~ 20V
TJ=25°C
-
26
100
mV
IO=1mA ~ 100mA
-
15
60
Load Regulation
VO(△IL)
IO=1mA ~ 40mA
TJ=25°C
-
8
30
mV
Quiescent Current
IQC
TJ=25°C
-
3.8
6
mA
VI=8V ~ 20V
-
-
1.5
Quiescent Current
Change
IQC
IO=1mA ~ 40mA
-
-
0.1
mA
Dropout Voltage
VDROP
TJ=25°C
-
1.7
-
V
Ripple Rejection
RR
VI=8V ~ 18V, f=120Hz
41
49
-
Electrical Characteristics
(Electrical Characteristics at VI=11V, IO=40mA, CI=0.33 ㎌, CO=0.1 ㎌, 0℃≤TJ≤125 , Unless otherwise specified)
S78L06
Parameter
Symbol
Test Condition*
Min.
Typ.
Max.
Unit
TJ=25°C
5.75
6.00
6.25
IO=1mA ~ 40mA
VI=8V ~ 20V
5.70
-
6.30
Output Voltage**
VO
IO=1mA ~ 70mA
VI=11V
5.70
-
6.30
V
VI=8V ~ 20V
-
35
175
Line Regulation
VO(△VI)
VI=9V ~ 20V
TJ=25°C
-
29
125
mV
IO=1mA ~ 100mA
-
16
80
Load Regulation
VO(△IL)
IO=1mA ~ 40mA
TJ=25°C
-
9
40
mV
Quiescent Current
IQC
TJ=25°C
-
3.9
6
mA
VI=9V ~ 20V
-
-
1.5
Quiescent Current
Change
IQC
IO=1mA ~ 40mA
-
-
0.1
mA
Dropout Voltage
VDROP
TJ=25°C
-
1.7
-
V
Ripple Rejection
RR
VI=9V ~ 19V, f=120Hz
40
48
-


Similar Part No. - S78L09

ManufacturerPart #DatasheetDescription
logo
AUK corp
S78L09 AUK-S78L09 Datasheet
251Kb / 8P
   Positive-Voltage Regulators
S78L09 AUK-S78L09 Datasheet
334Kb / 9P
   Positive-Voltage Regulators
S78L09F AUK-S78L09F Datasheet
270Kb / 8P
   Positive-Voltage Regulators
S78L09F AUK-S78L09F Datasheet
340Kb / 9P
   Positive-Voltage Regulators
S78L09F AUK-S78L09F Datasheet
340Kb / 9P
   Positive-Voltage Regulators
More results

Similar Description - S78L09

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com